Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496AE Datasheet(PDF) 208 Page - STMicroelectronics

No. de pieza STM32L496AE
Descripción Electrónicos  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Datasheet(HTML) 208 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 204Page - STMicroelectronics STM32L496AE Datasheet HTML 205Page - STMicroelectronics STM32L496AE Datasheet HTML 206Page - STMicroelectronics STM32L496AE Datasheet HTML 207Page - STMicroelectronics STM32L496AE Datasheet HTML 208Page - STMicroelectronics STM32L496AE Datasheet HTML 209Page - STMicroelectronics STM32L496AE Datasheet HTML 210Page - STMicroelectronics STM32L496AE Datasheet HTML 211Page - STMicroelectronics STM32L496AE Datasheet HTML 212Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 263 page
background image
Electrical characteristics
STM32L496xx
208/263
DocID029173 Rev 2
Quad SPI characteristics
Unless otherwise specified, the parameters given in Table 96 and Table 97 for Quad SPI
are derived from tests performed under the ambient temperature, fAHB frequency and VDD
supply voltage conditions summarized in Table 22: General operating conditions, with the
following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load C = 15 or 20 pF
•
Measurement points are done at CMOS levels: 0.5 ₓ VDD
Refer to Section 6.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics.
Table 96. Quad SPI characteristics in SDR mode(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
FCK
1/t(CK)
Quad SPI clock
frequency
1.71 V < VDD< 3.6 V, CLOAD = 20 pF
Voltage Range 1
--
40
MHz
1.71 V < VDD< 3.6 V, CLOAD = 15 pF
Voltage Range 1
--
48
2.7 V < VDD< 3.6 V, CLOAD = 15 pF
Voltage Range 1
--
60
1.71 V < VDD < 3.6 V CLOAD = 20 pF
Voltage Range 2
--
26
tw(CKH)
Quad SPI clock high and
low time
fAHBCLK= 48 MHz, presc=0
t(CK)/2
-
t(CK)/2+1
ns
tw(CKL)
t(CK)/2-1
-
t(CK)/2
ts(IN)
Data input setup time
Voltage Range 1
1.5
-
-
Voltage Range 2
3.5
-
-
th(IN)
Data input hold time
Voltage Range 1
4
-
-
Voltage Range 2
6.5
-
-
tv(OUT)
Data output valid time
Voltage Range 1
-
1
1.5
Voltage Range 2
-
3
5
th(OUT)
Data output hold time
Voltage Range 1
0
-
-
Voltage Range 2
0
-
-
1. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com