Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496AE Datasheet(PDF) 232 Page - STMicroelectronics

No. de pieza STM32L496AE
Descripción Electrónicos  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Datasheet(HTML) 232 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 228Page - STMicroelectronics STM32L496AE Datasheet HTML 229Page - STMicroelectronics STM32L496AE Datasheet HTML 230Page - STMicroelectronics STM32L496AE Datasheet HTML 231Page - STMicroelectronics STM32L496AE Datasheet HTML 232Page - STMicroelectronics STM32L496AE Datasheet HTML 233Page - STMicroelectronics STM32L496AE Datasheet HTML 234Page - STMicroelectronics STM32L496AE Datasheet HTML 235Page - STMicroelectronics STM32L496AE Datasheet HTML 236Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 263 page
background image
Electrical characteristics
STM32L496xx
232/263
DocID029173 Rev 2
Figure 54. NAND controller waveforms for common memory write access
6.3.29
Camera interface (DCMI) timing specifications
Unless otherwise specified, the parameters given in Table 116 for DCMI are derived from
tests performed under the ambient temperature, fHCLK frequency and VDD supply voltage
Table 114. Switching characteristics for NAND Flash read cycles(1)(2)
1. CL = 30 pF.
2. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
Tw(N0E)
FMC_NOE low width
4THCLK-0.5 4THCLK+0.5
ns
Tsu(D-NOE)
FMC_D[15-0] valid data before FMC_NOE high
12
-
Th(NOE-D)
FMC_D[15-0] valid data after FMC_NOE high
0
-
Td(NCE-NOE) FMC_NCE valid before FMC_NOE low
-
3THCLK+1
Th(NOE-ALE)
FMC_NOE high to FMC_ALE invalid
4THCLK-2
-
Table 115. Switching characteristics for NAND Flash write cycles(1)(2)
1. CL = 30 pF.
2. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
Tw(NWE)
FMC_NWE low width
4THCLK-0.5
4THCLK+0.5
ns
Tv(NWE-D)
FMC_NWE low to FMC_D[15-0] valid
5
-
Th(NWE-D)
FMC_NWE high to FMC_D[15-0] invalid
2THCLK-1
-
Td(D-NWE)
FMC_D[15-0] valid before FMC_NWE high
5THCLK-1
-
Td(NCE_NWE)
FMC_NCE valid before FMC_NWE low
-
3THCLK+1
Th(NWE-ALE)
FMC_NWE high to FMC_ALE invalid
2THCLK-2
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com