Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496AE Datasheet(PDF) 233 Page - STMicroelectronics

No. de pieza STM32L496AE
Descripción Electrónicos  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Datasheet(HTML) 233 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 229Page - STMicroelectronics STM32L496AE Datasheet HTML 230Page - STMicroelectronics STM32L496AE Datasheet HTML 231Page - STMicroelectronics STM32L496AE Datasheet HTML 232Page - STMicroelectronics STM32L496AE Datasheet HTML 233Page - STMicroelectronics STM32L496AE Datasheet HTML 234Page - STMicroelectronics STM32L496AE Datasheet HTML 235Page - STMicroelectronics STM32L496AE Datasheet HTML 236Page - STMicroelectronics STM32L496AE Datasheet HTML 237Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 263 page
background image
DocID029173 Rev 2
233/263
STM32L496xx
Electrical characteristics
236
summarized in Table 21, with the following configuration:
•
DCMI_PIXCLK polarity: falling
•
DCMI_VSYNC and DCMI_HSYNC polarity: high
•
Data format: 14 bits
•
Capacitive load C=30pF
Figure 55. DCMI timing diagram
Table 116. DCMI characteristics(1)
1. Data based on characterization results, not tested in production.
Symbol
ParameterMin
Max
Unit
Frequency ratio DCMI_PIXCLK/fHCLK
-0.4
DCMI_PIXCLK
Pixel clock input
-
32
MHz
Dpixel
Pixel clock input duty cycle
30
70
%
tsu(DATA)
Data input setup time
4
-
ns
th(DATA)
Data hold time
5
-
tsu(HSYNC),
tsu(VSYNC)
DCMI_HSYNC/DCMI_VSYNC input setup
time
3-
th(HSYNC),
th(VSYNC)
DCMI_HSYNC/DCMI_VSYNC input hold time
3
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com