Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EP9307 Datasheet(PDF) 6 Page - Cirrus Logic

No. de pieza EP9307
Descripción Electrónicos  ARM9 SOC WITH ETHERNET USB DISPLAY AND TOUCHSCREEN
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP9307 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button EP9307 Datasheet HTML 2Page - Cirrus Logic EP9307 Datasheet HTML 3Page - Cirrus Logic EP9307 Datasheet HTML 4Page - Cirrus Logic EP9307 Datasheet HTML 5Page - Cirrus Logic EP9307 Datasheet HTML 6Page - Cirrus Logic EP9307 Datasheet HTML 7Page - Cirrus Logic EP9307 Datasheet HTML 8Page - Cirrus Logic EP9307 Datasheet HTML 9Page - Cirrus Logic EP9307 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6
©Copyright 2004 Cirrus Logic (All Rights Reserved)
DS667PP3
EP9307
ARM9 SOC with Ethernet, USB, Display and Touchscreen
Processor Core - ARM920T
The ARM920T is a Harvard architecture processor with
separate 16 Kbyte instruction and data caches with an 8-
word line length but a unified memory. The processor
utilizes a five-stage pipeline consisting of fetch, decode,
execute, memory and write stages. Key features include:
ARM (32-bit) and Thumb (16-bit compressed)
instruction sets
32-bit Advanced Micro-Controller Bus Architecture
(AMBA)
16 Kbyte Instruction Cache with lockdown
16 Kbyte Data Cache (programmable write-through or
write-back) with lockdown
•MMU for Linux®, Microsoft® Windows® CE and other
operating systems
Translation Look Aside Buffers with 64 Data and 64
Instruction Entries
Programmable Page Sizes of 64 Kbyte, 4 Kbyte, and
1Kbyte
Independent lockdown of TLB Entries
MaverickCrunchMath Engine
The
MaverickCrunch
Engine
is
a
mixed-mode
coprocessor designed primarily to accelerate the math
processing required to rapidly encode digital audio
formats. It accelerates single and double precision
integer and floating point operations plus an integer
multiply-accumulate
(MAC)
instruction
that
is
considerably faster than the ARM920T's native MAC
instruction. The ARM920T coprocessor interface is
utilized
thereby sharing
its memory interface and
instruction stream. Hardware forwarding and interlock
allows the ARM to handle looping and addressing while
MaverickCrunch handles computation. Features include:
IEEE-754 single and double precision floating point
32/64-bit integer
Add/multiply/compare
Integer MAC 32-bit input with 72-bit accumulate
Integer Shifts
Floating point to/from integer conversion
Sixteen 64-bit register files
Four 72-bit accumulators
MaverickKeyUnique ID
MaverickKey unique hardware programmed IDs are a
solution to the growing concern over secure web content
and
commerce. With
Internet
security playing
an
important role in the delivery of digital media such as
books or music, traditional software methods are quickly
becoming unreliable. The MaverickKey unique IDs
provide OEMs with a method of utilizing specific
hardware IDs such as those assigned for SDMI (Secure
Digital Music Initiative) or any other authentication
mechanism.
Both a specific 32-bit ID as well as a 128-bit random ID is
programmed into the EP9307 through the use of laser
probing technology. These IDs can then be used to
match secure copyrighted content with the ID of the
target device the EP9307 is powering, and then deliver
the copyrighted information over a secure connection. In
addition,
secure
transactions
can
benefit
by
also
matching device IDs to server IDs. MaverickKey IDs
provide a level of hardware security required for today’s
Internet appliances.
General Purpose Memory Interface (SDRAM,
SRAM, ROM, FLASH)
The EP9307 features a unified memory address model
where all memory devices are accessed over a common
address/data bus. A separate internal port is dedicated to
the read-only Raster/LCD refresh engine, while the rest
of the memory accesses are performed via the Processor
bus. The SRAM memory controller supports 8, 16 and
32-bit devices and accommodates an internal boot ROM
concurrently with 32-bit SDRAM memory.
1-4 banks of 32-bit, 100 MHz SDRAM
One internal port dedicated to the Raster/LCD
Refresh Engine (Read Only)
One internal port dedicated to the rest of the chip via
the Processor bus
Address and data bus shared between SDRAM,
SRAM, ROM, and FLASH memory
Both NAND and NOR FLASH memory supported
Table B. General Purpose Memory Interface Pin Assignments
Pin Mnemonic
Pin Description
SDCLK
SDRAM Clock
SDCLKEN
SDRAM Clock Enable
SDCSn[3:0]
SDRAM Chip Selects 3-0
RASn
SDRAM RAS
CASn
SDRAM CAS
SDWEn
SDRAM Write Enable
CSn[7:6] and CSn[3:0]
Chip Selects 7, 6, 3, 2, 1, 0
AD[25:0]
Address Bus 25-0
DA[31:0]
Data Bus 31-0
DQMn[3:0]
SDRAM Output Enables / Data Masks
WRn
SRAM Write Strobe
RDn
SRAM Read/OE Strobe
WAITn
SRAM Wait Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com