Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EP9307 Datasheet(PDF) 8 Page - Cirrus Logic

No. de pieza EP9307
Descripción Electrónicos  ARM9 SOC WITH ETHERNET USB DISPLAY AND TOUCHSCREEN
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP9307 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button EP9307 Datasheet HTML 4Page - Cirrus Logic EP9307 Datasheet HTML 5Page - Cirrus Logic EP9307 Datasheet HTML 6Page - Cirrus Logic EP9307 Datasheet HTML 7Page - Cirrus Logic EP9307 Datasheet HTML 8Page - Cirrus Logic EP9307 Datasheet HTML 9Page - Cirrus Logic EP9307 Datasheet HTML 10Page - Cirrus Logic EP9307 Datasheet HTML 11Page - Cirrus Logic EP9307 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
8
©Copyright 2004 Cirrus Logic (All Rights Reserved)
DS667PP3
EP9307
ARM9 SOC with Ethernet, USB, Display and Touchscreen
Graphics Accelerator
The EP9307 contains a hardware graphics acceleration
engine that improves graphic performance by handling
block copy, block fill and hardware line draw operations.
The Graphics Accelerator is used in the system to off-
load graphics operations from the processor.
Pixel depths supported by the Graphics Accelerator are
4, 8, 16 or 24 bits per pixel (bpp). The 24 bits per pixel
mode can be operated as packed (4 pixels every 3
words) or unpacked (1 pixel per word with the high byte
unused.)
The block copy operations of the Graphics Accelerator
are similar to a DMA (Direct Memory Access) transfer
that
understands
pixel
organization,
block
width,
transparency, and transformation from 1bpp to higher 4,
8, 16 or 24 bpp.
The line draw operations also allow for solid lines or
dashed lines. The colors for line drawing can be either
foreground color and background color or foreground
color with the background being transparent.
Touch Screen Interface with 12-bit Analog-
to-Digital Converter (ADC)
The touch screen interface performs all sampling,
averaging, ADC range checking, and control for a wide
variety of analog resistive touch screens. This controller
only interrupts the processor when a meaningful change
occurs. The touch screen hardware may be disabled and
the switch matrix and ADC controlled directly if desired.
Features include:
Support for 4, 5, 7, or 8-wire analog resistive touch
screens.
Flexibility - unused lines may be used for temperature
sensing or other functions.
Touch screen interrupt function.
64-Keypad Interface
The keypad circuitry scans an 8 x 8 array of 64 normally
open, single pole switches. Any one or two keys
depressed will be de-bounced and decoded. An interrupt
is generated whenever a stable set of depressed keys is
detected. If the keypad is not utilized, the 16 column/row
pins may be used as general purpose I/O. The Keypad
interface:
Provides scanning, debounce and decoding for a 64-
key array.
Scans an 8-row by 8-column matrix.
May decode 2 keys at once.
Generates an interrupt when a new stable key is
determined.
Also generates a 3-key reset interrupt.
Table E. LCD Interface Pin Assignments
Pin Mnemonic
Pin Description
SPCLK
Pixel Clock
P[17:0]
Pixel Data Bus [17:0]
HSYNC/LP
Horizontal
Synchronization/Line Pulse
VCSYNC/FP
Vertical or Composite
Synchronization / Frame Pulse
BLANK
Composite Blank
BRIGHT
Pulse Width Modulated Brightness
Table F. Touch Screen Interface with 12-bit Analog-to-Digital
Converter Pin Assignments
Pin Mnemonic
Pin Description
Xp, Xm
Touch screen ADC X Axis
Yp, Ym
Touch screen ADC Y Axis
SXp, SXm
Touch screen ADC X Axis
Voltage Feedback
SYp, SYm
Touch screen ADC Y Axis
Voltage Feedback
Table G. 64-Key Keypad Interface Pin Assignments
Pin Mnemonic
Pin
Description
Alternative Usage
COL[7:0]
Key Matrix Column
Inputs
General Purpose I/O
ROW[7:0]
Key Matrix Row
Inputs
General Purpose I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com