Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LDP01-56AY Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza LDP01-56AY
Descripción Electrónicos  Automotive TVS for load dump protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDP01-56AY Datasheet(HTML) 1 Page - STMicroelectronics

  LDP01-56AY Datasheet HTML 1Page - STMicroelectronics LDP01-56AY Datasheet HTML 2Page - STMicroelectronics LDP01-56AY Datasheet HTML 3Page - STMicroelectronics LDP01-56AY Datasheet HTML 4Page - STMicroelectronics LDP01-56AY Datasheet HTML 5Page - STMicroelectronics LDP01-56AY Datasheet HTML 6Page - STMicroelectronics LDP01-56AY Datasheet HTML 7Page - STMicroelectronics LDP01-56AY Datasheet HTML 8Page - STMicroelectronics LDP01-56AY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
This is information on a product in full production.
October 2015
DocID026556 Rev 2
1/11
LDP01-xxAY
Automotive TVS for load dump protection
Datasheet
- production data
Features
• Stand-off voltage range: from 22 to 70 V
• Low leakage current: 1 μA at 25 °C
• Operating Tj max: 175 °C
• High power capability at Tj max
• JEDEC registered package outline
• ROHS and Halogen free
• Resin meets UL 94, V0
• AEC-Q101 compliant
Complies with the following standards:
• IEC 61000-4-2 exceeds level 4
-
30 kV (air discharge)
-
30 kV (contact discharge)
• ISO10605 – C = 330 pF, R = 330 Ω
-
30 kV (air discharge)
-
30 kV (contact discharge)
• ISO 7637-2
-
Pulse 1: VS = -150 V
-
Pulse 2a: VS = +112 V
-
Pulse 3a: Vs = -220 V
-
Pulse 3b: Vs = +150 V
-
Formerly pulses 5a and 5b
• ISO 16750-2
-
Tests A and B
Description
The LDP01-xxAY Transil™ series have been
designed to protect automotive sensitive circuits
against surges defined in ISO 7637-2 and
ISO 16750 tests A and B also called load-dump.
The planar technology makes it compatible with
high-end circuits where low leakage current and
high junction temperature are required to provide
reliability and stability over time.
LDP01-xxAY is packaged in D²PAK.
Table 1. Device summary
Part number
Breakdown voltage
(VBR at IR = 1 mA)
min.
typ.
max.
V
LDP01-26AY
24.4
26
27.0
LDP01-28AY
26.7
28
29.5
LDP01-30AY
28.9
30
31.9
LDP01-33AY
31.1
33
34.3
LDP01-35AY
33.3
35
36.9
LDP01-39AY
36.7
39
40.5
LDP01-42AY
40
42
44.2
LDP01-47AY
44.4
47
49
LDP01-50AY
47.8
50
52.8
LDP01-56AY
53.3
56
58.9
LDP01-68AY
64.4
68
71.2
LDP01-82AY
77.8
82
86
www.st.com


Número de pieza similar - LDP01-56AY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Anova Technologies CO.,...
LDP ANOVA-LDP Datasheet
331Kb / 3P
Automotive Protection Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
LDP LUGUANG-LDP Datasheet
881Kb / 3P
Automotive Protection Axial Lead Transient Voltage Suppressors
logo
Mini-Circuits
LDP-1050-252 MINI-LDP-1050-252 Datasheet
301Kb / 2P
Diplexer
LDP-1050-252+ MINI-LDP-1050-252+ Datasheet
301Kb / 2P
Diplexer
logo
LUMEX INC.
LDP-2R2608RD-50 LUMEX-LDP-2R2608RD-50 Datasheet
147Kb / 3P
CUSTOM LED DISPLAY
More results

Descripción similar - LDP01-56AY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
LDP24A STMICROELECTRONICS-LDP24A Datasheet
44Kb / 5P
LOAD DUMP TRANSIENT PROTECTION
Apr-2000
logo
Sensitron
SCP-4188 SENSITRON-SCP-4188 Datasheet
60Kb / 2P
Load Dump Protector
logo
Maxim Integrated Produc...
MAX5099 MAXIM-MAX5099 Datasheet
640Kb / 27P
Dual, 2.2MHz, Automotive Synchronous Buck Converter with 80V Load-Dump Protection
Rev 0; 5/08
MAX16126 MAXIM-MAX16126 Datasheet
2Mb / 19P
Load-Dump/Reverse-Voltage Protection Circuits
Rev 0; 11/11
MAX16128 MAXIM-MAX16128 Datasheet
1Mb / 15P
Load-Dump/Reverse-Voltage Protection Circuits
Rev 1; 9/12
logo
StarHope
LCT40B SPSEMI-LCT40B Datasheet
787Kb / 3P
Transient Voltage Suppressor Diode Especially Designed For Load Dump Protection
logo
Maxim Integrated Produc...
MAX16128 MAXIM-MAX16128_V01 Datasheet
877Kb / 15P
Load-Dump/Reverse-Voltage Protection Circuits
2019
MAX16126 MAXIM-MAX16126_V01 Datasheet
1Mb / 19P
Load-Dump/Reverse-Voltage Protection Circuits
2019
logo
STMicroelectronics
LDP35CA STMICROELECTRONICS-LDP35CA Datasheet
120Kb / 5P
Transient protection load dump
22-Jun-2012
logo
Protek Devices
PAM11KLD8S24CAP PROTEC-PAM11KLD8S24CAP Datasheet
371Kb / 5P
high power tvs for automotive load dump applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com