Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LDP01-56AY Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza LDP01-56AY
Descripción Electrónicos  Automotive TVS for load dump protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDP01-56AY Datasheet(HTML) 5 Page - STMicroelectronics

  LDP01-56AY Datasheet HTML 1Page - STMicroelectronics LDP01-56AY Datasheet HTML 2Page - STMicroelectronics LDP01-56AY Datasheet HTML 3Page - STMicroelectronics LDP01-56AY Datasheet HTML 4Page - STMicroelectronics LDP01-56AY Datasheet HTML 5Page - STMicroelectronics LDP01-56AY Datasheet HTML 6Page - STMicroelectronics LDP01-56AY Datasheet HTML 7Page - STMicroelectronics LDP01-56AY Datasheet HTML 8Page - STMicroelectronics LDP01-56AY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DocID026556 Rev 2
5/11
LDP01-xxAY
Characteristics
11
Figure 11. ISO 16750-2, test B definition
Figure 12. Load dump capability (LDP01-30AY
Us* = f(Ri) Test B, Us = 87 V)
U
A
10%
Us
td
Battery voltage
t
Us
*
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
30
35
40
45
50
55
60
65
70
75
80
Us* (V)
Figure 13. Clamping voltage versus peak pulse
current (maximum values)
Figure 14. ISO 16750-2 test B response
(UA +Us* = 13.5 + 30 V, Us = 87 V, td = 400 ms,
Ri = 0.5 Ω )
VCL (5 V/div)
IPP (5 A/div)
PPP (200 W/div)
37.2 V
16.9 A
547 W
50 ms/div
Figure 15. Peak forward voltage versus peak
forward current (typical values)
Figure 16. Leakage current versus junction
temperature (typical values)
IFM(A)
0.1
1.0
10.0
100.0
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2
VFM(V)
LDP01-30AY
Tj initial = 25 °C
Tj initial = 175 °C
Pulse duration 2 ms
IR(nA)
1
10
100
1000
10000
25
50
75
100
125
150
175
Tj(°C)
V= V
RRM



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com