Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

NAND01GR3A2AV6 Datasheet(PDF) 29 Page - STMicroelectronics

No. de pieza NAND01GR3A2AV6
Descripción Electrónicos  128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01GR3A2AV6 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button NAND01GR3A2AV6 Datasheet HTML 25Page - STMicroelectronics NAND01GR3A2AV6 Datasheet HTML 26Page - STMicroelectronics NAND01GR3A2AV6 Datasheet HTML 27Page - STMicroelectronics NAND01GR3A2AV6 Datasheet HTML 28Page - STMicroelectronics NAND01GR3A2AV6 Datasheet HTML 29Page - STMicroelectronics NAND01GR3A2AV6 Datasheet HTML 30Page - STMicroelectronics NAND01GR3A2AV6 Datasheet HTML 31Page - STMicroelectronics NAND01GR3A2AV6 Datasheet HTML 32Page - STMicroelectronics NAND01GR3A2AV6 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
29/57
NAND128-A, NAND256-A, NAND512-A, NAND01G-A
Table 11. Status Register Bits
Read Electronic Signature
The device contains a Manufacturer Code and De-
vice Code. To read these codes two steps are re-
quired:
1.
first use one Bus Write cycle to issue the Read
Electronic Signature command (90h)
2.
then perform two Bus Read operations – the
first will read the Manufacturer Code and the
second, the Device Code. Further Bus Read
operations will be ignored.
Refer to Table 12., Electronic Signature, for infor-
mation on the addresses.
Table 12. Electronic Signature
Bit
Name
Logic Level
Definition
SR7
Write Protection
'1'
Not Protected
'0'
Protected
SR6
Program/ Erase/ Read
Controller
'1'
P/E/R C inactive, device ready
'0'
P/E/R C active, device busy
SR5, SR4,
SR3, SR2, SR1
Reserved
Don’t Care
SR0
Generic Error
‘1’
Error – operation failed
‘0’
No Error – operation successful
Part Number
Manufacturer
Code
Device code
NAND128R3A
20h
33h
NAND128W3A
73h
NAND128R4A
0020h
0043h
NAND128W4A
0053h
NAND256R3A
20h
35h
NAND256W3A
75h
NAND256R4A
0020h
0045h
NAND256W4A
0055h
NAND512R3A
20h
36h
NAND512W3A
76h
NAND512R4A
0020h
0046h
NAND512W4A
0056h
NAND01GR3A
20h
39h
NAND01GW3A
79h
NAND01GR4A
0020h
0049h
NAND01GW4A
0059h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com