Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

NAND01GR3A2AV6 Datasheet(PDF) 36 Page - STMicroelectronics

No. de pieza NAND01GR3A2AV6
Descripción Electrónicos  128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01GR3A2AV6 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button NAND01GR3A2AV6 Datasheet HTML 32Page - STMicroelectronics NAND01GR3A2AV6 Datasheet HTML 33Page - STMicroelectronics NAND01GR3A2AV6 Datasheet HTML 34Page - STMicroelectronics NAND01GR3A2AV6 Datasheet HTML 35Page - STMicroelectronics NAND01GR3A2AV6 Datasheet HTML 36Page - STMicroelectronics NAND01GR3A2AV6 Datasheet HTML 37Page - STMicroelectronics NAND01GR3A2AV6 Datasheet HTML 38Page - STMicroelectronics NAND01GR3A2AV6 Datasheet HTML 39Page - STMicroelectronics NAND01GR3A2AV6 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
NAND128-A, NAND256-A, NAND512-A, NAND01G-A
36/57
Table 19. DC Characteristics, 3V Devices
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
IDD1
Operating
Current
Sequential
Read
tRLRL minimum
E=VIL, IOUT = 0 mA
-
10
20
mA
IDD2
Program
-
-
10
20
mA
IDD3
Erase
-
-
10
20
mA
IDD4
Stand-by Current (TTL),
128Mb, 256Mb, 512Mb devices
E=VIH, WP=0V/VDD
-
-
1
mA
Stand-by Current (TTL)
512Mb and 1Gb Dual Die devices
-
-
2
mA
IDD5
Stand-By Current (CMOS)
128Mb, 256Mb, 512Mb devices
E=VDD-0.2,
WP=0/VDD
-
10
50
µA
Stand-By Current (CMOS)
512Mb and 1Gb Dual Die devices
-
20
100
µA
ILI
Input Leakage Current
VIN= 0 to VDDmax
-
-
±10
µA
ILO
Output Leakage Current
VOUT= 0 to VDDmax
-
-
±10
µA
VIH
Input High Voltage
-
2.0
-
VDD+0.3
V
VIL
Input Low Voltage
-
−0.3
-
0.8
V
VOH
Output High Voltage Level
IOH = −400µA
2.4
-
-
V
VOL
Output Low Voltage Level
IOL = 2.1mA
-
-
0.4
V
IOL (RB)
Output Low Current (RB)
VOL = 0.4V
8
10
mA
VLKO
VDD Supply Voltage (Erase and
Program lockout)
-
-
-
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com