Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

NAND128W4A2AV6 Datasheet(PDF) 33 Page - STMicroelectronics

No. de pieza NAND128W4A2AV6
Descripción Electrónicos  128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND128W4A2AV6 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button NAND128W4A2AV6 Datasheet HTML 29Page - STMicroelectronics NAND128W4A2AV6 Datasheet HTML 30Page - STMicroelectronics NAND128W4A2AV6 Datasheet HTML 31Page - STMicroelectronics NAND128W4A2AV6 Datasheet HTML 32Page - STMicroelectronics NAND128W4A2AV6 Datasheet HTML 33Page - STMicroelectronics NAND128W4A2AV6 Datasheet HTML 34Page - STMicroelectronics NAND128W4A2AV6 Datasheet HTML 35Page - STMicroelectronics NAND128W4A2AV6 Datasheet HTML 36Page - STMicroelectronics NAND128W4A2AV6 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
33/57
NAND128-A, NAND256-A, NAND512-A, NAND01G-A
PROGRAM AND ERASE TIMES AND ENDURANCE CYCLES
The Program and Erase times and the number of
Program/ Erase cycles per block are shown in Ta-
ble 14.
Table 14. Program, Erase Times and Program Erase Endurance Cycles
MAXIMUM RATING
Stressing the device above the ratings listed in Ta-
ble 15., Absolute Maximum Ratings, may cause
permanent damage to the device. These are
stress ratings only and operation of the device at
these or any other conditions above those indicat-
ed in the Operating sections of this specification is
not implied. Exposure to Absolute Maximum Rat-
ing conditions for extended periods may affect de-
vice
reliability.
Refer
also
to
the
STMicroelectronics SURE Program and other rel-
evant quality documents.
Table 15. Absolute Maximum Ratings
Note: 1. Minimum Voltage may undershoot to –2V for less than 20ns during transitions on input and I/O pins. Maximum voltage may over-
shoot to VDD + 2V for less than 20ns during transitions on I/O pins.
Parameters
NAND Flash
Unit
Min
Typ
Max
Page Program Time
200
500
µs
Block Erase Time
2
3ms
Program/Erase Cycles (per block)
100,000
cycles
Data Retention
10
years
Symbol
Parameter
Value
Unit
Min
Max
TBIAS
Temperature Under Bias
–
50
125
°C
TSTG
Storage Temperature
–
65
150
°C
VIO
(1)
Input or Output Voltage
1.8V devices
–
0.6
2.7
V
3 V devices
–
0.6
4.6
V
VDD
Supply Voltage
1.8V devices
–
0.6
2.7
V
3 V devices
–
0.6
4.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com