Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

NAND128W4A2AV6 Datasheet(PDF) 41 Page - STMicroelectronics

No. de pieza NAND128W4A2AV6
Descripción Electrónicos  128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND128W4A2AV6 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button NAND128W4A2AV6 Datasheet HTML 37Page - STMicroelectronics NAND128W4A2AV6 Datasheet HTML 38Page - STMicroelectronics NAND128W4A2AV6 Datasheet HTML 39Page - STMicroelectronics NAND128W4A2AV6 Datasheet HTML 40Page - STMicroelectronics NAND128W4A2AV6 Datasheet HTML 41Page - STMicroelectronics NAND128W4A2AV6 Datasheet HTML 42Page - STMicroelectronics NAND128W4A2AV6 Datasheet HTML 43Page - STMicroelectronics NAND128W4A2AV6 Datasheet HTML 44Page - STMicroelectronics NAND128W4A2AV6 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
41/57
NAND128-A, NAND256-A, NAND512-A, NAND01G-A
Figure 27. Read Status Register AC Waveform
Figure 28. Read Electronic Signature AC Waveform
Note: Refer to Table 12. for the values of the Manufacturer and Device Codes.
tELWL
tDVWH
Status Register
Output
70h
CL
E
W
R
I/O
tCLHWL
tWHDX
tWLWH
tWHCLL
tCLLRL
tDZRL
tRLQV
tEHQZ
tRHQZ
tWHRL
tELQV
tWHEH
ai08032
(Data Setup time)
(Data Hold time)
90h
00h
Man.
code
Device
code
CL
E
W
AL
R
I/O
tRLQV
Read Electronic
Signature
Command
1st Cycle
Address
Manufacturer and
Device Codes
ai08039b
(Read ES Access time)
tALLRL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com