| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
NAND512W4A2AV6 Datasheet(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
NAND512W4A2AV6 Datasheet(HTML) 18 Page - STMicroelectronics |
|
18 / 57 page ![]() NAND128-A, NAND256-A, NAND512-A, NAND01G-A 18/57 Table 6. Address Insertion, x8 Devices Note: 1. A8 is set Low or High by the 00h or 01h Command, see Pointer Operations section. 2. Any additional address input cycles will be ignored. 3. The 4th cycle is only required for 512Mb and 1Gb devices. Table 7. Address Insertion, x16 Devices Note: 1. A8 is Don’t Care in x16 devices. 2. Any additional address input cycles will be ignored. 3. The 01h Command is not used in x16 devices. 4. The 4th cycle is only required for 512Mb and 1Gb devices. Table 8. Address Definitions Bus Cycle I/O7 I/O6 I/O5 I/O4 I/O3 I/O2 I/O1 I/O0 1st A7 A6 A5 A4 A3 A2 A1 A0 2nd A16 A15 A14 A13 A12 A11 A10 A9 3rd A24 A23 A22 A21 A20 A19 A18 A17 4th(4) VIL VIL VIL VIL VIL VIL A26 A25 Bus Cycle I/O8- I/O15 I/O7 I/O6 I/O5 I/O4 I/O3 I/O2 I/O1 I/O0 1st X A7 A6 A5 A4 A3 A2 A1 A0 2nd X A16 A15 A14 A13 A12 A11 A10 A9 3rd X A24 A23 A22 A21 A20 A19 A18 A17 4th(4) X VIL VIL VIL VIL VIL VIL A26 A25 Address Definition A0 - A7 Column Address A9 - A26 Page Address A9 - A13 Address in Block A14 - A26 Block Address A8 A8 is set Low or High by the 00h or 01h Command, and is Don’t Care in x16 devices |