Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

NAND512W4A2AV6 Datasheet(PDF) 34 Page - STMicroelectronics

No. de pieza NAND512W4A2AV6
Descripción Electrónicos  128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND512W4A2AV6 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button NAND512W4A2AV6 Datasheet HTML 30Page - STMicroelectronics NAND512W4A2AV6 Datasheet HTML 31Page - STMicroelectronics NAND512W4A2AV6 Datasheet HTML 32Page - STMicroelectronics NAND512W4A2AV6 Datasheet HTML 33Page - STMicroelectronics NAND512W4A2AV6 Datasheet HTML 34Page - STMicroelectronics NAND512W4A2AV6 Datasheet HTML 35Page - STMicroelectronics NAND512W4A2AV6 Datasheet HTML 36Page - STMicroelectronics NAND512W4A2AV6 Datasheet HTML 37Page - STMicroelectronics NAND512W4A2AV6 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
NAND128-A, NAND256-A, NAND512-A, NAND01G-A
34/57
DC AND AC PARAMETERS
This section summarizes the operating and mea-
surement conditions, and the DC and AC charac-
teristics of the device. The parameters in the DC
and AC characteristics Tables that follow, are de-
rived from tests performed under the Measure-
ment
Conditions
summarized
in
Table
16., Operating and AC Measurement Conditions.
Designers should check that the operating condi-
tions in their circuit match the measurement condi-
tions when relying on the quoted parameters.
Table 16. Operating and AC Measurement Conditions
Table 17. Capacitance
Note: TA = 25°C, f = 1 MHz. CIN and CI/O are not 100% tested.
Parameter
NAND Flash
Units
Min
Max
Supply Voltage (VDD)
1.8V devices
1.7
1.95
V
3V devices
2.7
3.6
V
Ambient Temperature (TA)
Grade 1
0
70
°C
Grade 6
–40
85
°C
Load Capacitance (CL) (1 TTL GATE and CL)
1.8V devices
30
pF
3V devices (2.7 - 3.6V)
50
pF
3V devices (3.0 - 3.6V)
100
pF
Input Pulses Voltages
1.8V devices
0
VDD
V
3V devices
0.4
2.4
V
Input and Output Timing Ref. Voltages
1.8V devices
0.9
V
3V devices
1.5
V
Input Rise and Fall Times
5
ns
Output Circuit Resistors, Rref
8.35
k
Ω
Symbol
Parameter
Test Condition
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0V
10
pF
CI/O
Input/Output Capacitance
VIL = 0V
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com