Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

OP27AZ/QMLR Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

No. de pieza OP27AZ/QMLR
Descripción Electrónicos  MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, PRECISION OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

OP27AZ/QMLR Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button OP27AZ/QMLR Datasheet HTML 2Page - List of Unclassifed Manufacturers OP27AZ/QMLR Datasheet HTML 3Page - List of Unclassifed Manufacturers OP27AZ/QMLR Datasheet HTML 4Page - List of Unclassifed Manufacturers OP27AZ/QMLR Datasheet HTML 5Page - List of Unclassifed Manufacturers OP27AZ/QMLR Datasheet HTML 6Page - List of Unclassifed Manufacturers OP27AZ/QMLR Datasheet HTML 7Page - List of Unclassifed Manufacturers OP27AZ/QMLR Datasheet HTML 8Page - List of Unclassifed Manufacturers OP27AZ/QMLR Datasheet HTML 9Page - List of Unclassifed Manufacturers OP27AZ/QMLR Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-94680
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
E
SHEET
6
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics – Continued.
Test
Symbol
Conditions 1/ 2/ 3/
-55
C  TA   +125C
unless otherwise specified
Group A
subgroups
Device
type
Limits 4/
Unit
Min
Max
Output voltage swing
5/
VOUT
RL  2 k
1
01
-12
+12
V
RL  600 
-10
+10
RL  2 k
2, 3
-11
+11
RL  2 k
1
02, 03
-12
+12
RL  600 
-10
+10
RL  2 k
2, 3
-11.5
11.5
Supply current
IS
No load, TA = +25C
1
01, 02,
03
4.67
mA
M,D,P,L,R
1
02
4.7
M,D,P,L
1
03
4.7
Power dissipation
5/
PD
No load, TA = +25C
1
01, 02,
03
140
mW
Offset adjustment range 5/
VOS
ADJ
RPK = 10 k, TA = +25C
1
01, 02,
03
-0.5
+0.5
mV
Output short-circuit
5/
current
+ISC
TA = 25C
1
01, 02,
03
+70
mA
-ISC
-70
Input noise voltage
5/ 7/
EN
fo = 1 Hz to 100 Hz,
TA = +25C
4
01, 02,
03
50
nVRMS
Input noise current
5/ 7/
IN
fo = 1 Hz to 100 Hz,
TA = +25C
4
01, 02,
03
40
pARMS
Slew rate
5/
SR
VOUT = 5 V, RL  2 k,
CL = 100 pF, TA = +25C,
measured at -2.5 V to
+2.5 V
4
01, 02,
1.7
V/
s
03
Gain bandwidth
5/
GBW
TA = +25C
4
01, 02,
03
5.0
MHz
Common mode
5/
rejection ratio
CMRR
VCM = IVR = 11 V
1
01
106
dB
VCM = IVR = 10.3 V
2,3
100
VCM = IVR = 11 V
1
02, 03
114
VCM = IVR = 10.3 V
2,3
108
See footnotes at end of table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com