Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

OP27AZ/QMLR Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

No. de pieza OP27AZ/QMLR
Descripción Electrónicos  MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, PRECISION OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

OP27AZ/QMLR Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button OP27AZ/QMLR Datasheet HTML 3Page - List of Unclassifed Manufacturers OP27AZ/QMLR Datasheet HTML 4Page - List of Unclassifed Manufacturers OP27AZ/QMLR Datasheet HTML 5Page - List of Unclassifed Manufacturers OP27AZ/QMLR Datasheet HTML 6Page - List of Unclassifed Manufacturers OP27AZ/QMLR Datasheet HTML 7Page - List of Unclassifed Manufacturers OP27AZ/QMLR Datasheet HTML 8Page - List of Unclassifed Manufacturers OP27AZ/QMLR Datasheet HTML 9Page - List of Unclassifed Manufacturers OP27AZ/QMLR Datasheet HTML 10Page - List of Unclassifed Manufacturers OP27AZ/QMLR Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-94680
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
E
SHEET
7
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics - Continued.
Test
Symbol
Conditions 1/ 2/ 3/
-55
C  TA  +125C
unless otherwise specified
Group A
subgroups
Device
type
Limits 4/
Unit
Min
Max
Large signal voltage gain
AVO
VOUT = 10 V, RL  2 k
1
01
1000
V/mV
VOUT = 10 V, RL  600 
800
VOUT = 10 V, RL  2 k
2,3
500
VOUT = 10 V, RL  2 k
1
02, 03
1000
M,D,P,L,R
1
02
100
M,D,P,L
1
03
100
VOUT = 10 V, RL  600 
1
02, 03
800
VOUT = 10 V, RL  2 k
2,3
600
1/
Device 02 supplied to this drawing have been characterized through all levels M, D, P, L, R of irradiation.
Device 03 supplied to this drawing have been characterized through all levels P and L of irradiation.
However, device 02 is only tested at the “R” level and device type 03 is only tested at the “L” level. Pre and Post irradiation
values are identical unless otherwise specified in Table I. When performing post irradiation electrical measurements for
any RHA level, TA = +25C.
2/
Unless otherwise specified,
VS = 15 V and source resistance (RS) = 50 .
3/ The 02 device may be low dose rate sensitive in a space environment and may demonstrate enhanced low dose rate
effects. Radiation end point limits for the noted parameters are guaranteed only for the conditions as specified in
MIL-STD-883, method 1019, condition A for device type 02. Device type 03, has been tested at low dose rate.
4/
The algebraic convention, whereby the most negative value is a minimum and the most positive is a maximum, is used
in this table. Negative current shall be defined as conventional current flow out of a device terminal.
5/
This parameter is not tested post-irradiation.
6/
Input voltage range is defined as the VCM range used for the CMRR test.
7/
This test shall be 100% tested at preburn-in of interim electrical parameters and guaranteed to the limits specified in
table I herein.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com