| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R5F104FHD Datasheet(PDF) 84 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F104FHD Datasheet(HTML) 84 Page - Renesas Technology Corp |
|
84 / 213 page ![]() RL78/G14 2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85 °C) R01DS0053EJ0330 Rev. 3.30 Page 84 of 208 Aug 12, 2016 UART mode connection diagram (during communication at same potential) UART mode bit width (during communication at same potential) (reference) Remark 1. q: UART number (q = 0 to 3), g: PIM and POM number (g = 0, 1, 5, 14) Remark 2. fMCK: Serial array unit operation clock frequency (Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number, n: Channel number (mn = 00 to 03, 10 to 13)) RL78 microcontroller TxDq RxDq User’s device Rx Tx Baud rate error tolerance TxDq RxDq High-/Low-bit width 1/Transfer rate |