| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R5F104FHD Datasheet(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F104FHD Datasheet(HTML) 23 Page - Renesas Technology Corp |
|
23 / 213 page ![]() RL78/G14 1. OUTLINE R01DS0053EJ0330 Rev. 3.30 Page 23 of 208 Aug 12, 2016 1.4 Pin Identification ANI0 to ANI14,: Analog input ANI16 to ANI20 ANO0, ANO1: Analog output AVREFM: A/D converter reference potential ( − side) input AVREFP: A/D converter reference potential (+ side) input EVDD0, EVDD1: Power supply for port EVSS0, EVSS1: Ground for port EXCLK: External clock input (main system clock) EXCLKS: External clock input (subsystem clock) INTP0 to INTP11: External interrupt input IVCMP0, IVCMP1: Comparator input IVREF0, IVREF1: Comparator reference input KR0 to KR7: Key return P00 to P06: Port 0 P10 to P17: Port 1 P20 to P27: Port 2 P30, P31: Port 3 P40 to P47: Port 4 P50 to P57: Port 5 P60 to P67: Port 6 P70 to P77: Port 7 P80 to P87: Port 8 P100 to P102: Port 10 P110, P111: Port 11 P120 to P124: Port 12 P130, P137: Port 13 P140 to P147: Port 14 P150 to P156: Port 15 PCLBUZ0, PCLBUZ1: Programmable clock output/buzzer output REGC: Regulator capacitance RESET: Reset RTC1HZ: Real-time clock correction clock (1 Hz) output RxD0 to RxD3: Receive data SCK00, SCK01, SCK10,: Serial clock input/output SCK11, SCK20, SCK21, SCK30, SCK31 SCLA0, SCLA1,: Serial clock input/output SCL00, SCL01, SCL10, SCL11,: Serial clock output SCL20, SCL21, SCL30, SCL31 SDAA0, SDAA1, SDA00,: Serial data input/output SDA01, SDA10, SDA11, SDA20, SDA21, SDA30, SDA31 SI00, SI01, SI10, SI11,: Serial data input SI20, SI21, SI30, SI31 SO00, SO01, SO10,: Serial data output SO11, SO20, SO21, SO30, SO31 SSI00: Serial interface chip select input TI00 to TI03,: Timer input TI10 to TI13 TO00 to TO03,: Timer output TO10 to TO13, TRJO0 TOOL0: Data input/output for tool TOOLRxD, TOOLTxD: Data input/output for external device TRDCLK, TRGCLKA,: Timer external input clock TRGCLKB TRDIOA0, TRDIOB0,: Timer input/output TRDIOC0, TRDIOD0, TRDIOA1, TRDIOB1, TRDIOC1, TRDIOD1, TRGIOA, TRGIOB, TRJIO0 TxD0 to TxD3: Transmit data VCOUT0, VCOUT1: Comparator output VDD: Power supply VSS: Ground X1, X2: Crystal oscillator (main system clock) XT1, XT2: Crystal oscillator (subsystem clock) |