Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LM151X2 Datasheet(PDF) 25 Page - NXP Semiconductors

No. de pieza LM151X2
Descripción Electrónicos  Liquid Crystal Display
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM151X2 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button LM151X2 Datasheet HTML 17Page - NXP Semiconductors LM151X2 Datasheet HTML 18Page - NXP Semiconductors LM151X2 Datasheet HTML 19Page - NXP Semiconductors LM151X2 Datasheet HTML 20Page - NXP Semiconductors LM151X2 Datasheet HTML 21Page - NXP Semiconductors LM151X2 Datasheet HTML 22Page - NXP Semiconductors LM151X2 Datasheet HTML 23Page - NXP Semiconductors LM151X2 Datasheet HTML 24Page - NXP Semiconductors LM151X2 Datasheet HTML 25Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
Revision Ver 1.0 October 14, 1998
Page 25/25
LM151X2
Liquid Crystal Display
Product Specification
18. APPENDIX 3 : Classification of Defects
Inspection Item
Criterion for Defect
Type
Operating Frequency
Does not meet specified range in the spec.
Major
Power Consumption
Does not meet specified range in the spec.
Major
Contrast Ratio
Does not meet specified range in the spec.
Major
Line Defect
Vertical line defect
Horizontal line defect
Cross line defect
Major
Scratches, Dents or
Bubbles
Shall be accordance with the item 8.b) ”External inspection
standards” on this incoming inspection standard
Minor
Extraneous Substance
Shall be accordance with the item 8.b) ”External inspection
standards” on this incoming inspection standard
Minor
Dot Defect
Shall be accordance with the item 8.b) ”External inspection
standards” on this incoming inspection standard
Minor
Bezel Appearance
Deep damage is found on plating, the ground metal is
exposed, or rust may occur. (Irregular plating or coating is
ignored)
Minor
Damaged Parts
a) The lead wire part is disconnected
b) The lead wire part is not yet disconnected, but is damaged
c) Function, performance or product value is impaired
Major
Minor
Major
Bezel Claw Forming
a) Bezel claw missing
b) The bezel claw is not formed sufficiently
Major
Minor
Alpha Point Ltd.
P.O. Box 41
00751 Helsinki, Finland
http://www.alpha.fi
Tel.: +358-9-34 64 34 1
Fax: +358-9-34 64 34 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com