| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HCS412T Datasheet(PDF) 26 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS412T Datasheet(HTML) 26 Page - Microchip Technology |
|
26 / 44 page ![]() HCS412 DS41099C-page 26 Preliminary © 2002 Microchip Technology Inc. FIGURE 4-11: IFF CHALLENGE AND RESPONSE 4.3.7 CODE HOPPING REQUEST The command tells the HCS412 to increment the syn- chronization counter and build the 32-bit code hopping portion of the code word. • If RF Echo is disabled, the data will be transmitted on the LC lines only (Figure 4-12). • If RF Echo is enabled, the data will be transmitted in a code word on the DATA line followed by the data transmitted on the LC lines. The DATA line is transmitted first for passive entry support (Figure 4-13). The data format will be the same as described in Section 3.2. TABLE 4-8: REQUEST HOPPING CODE COMMANDS FIGURE 4-12: CODE HOPPING REQUEST (RF ECHO DISABLED) FIGURE 4-13: CODE HOPPING REQUEST (RF ECHO ENABLED) 32-bit 32-bit Command TIT ACK TOTD TPU TATO Start 2 LFTE Start 2 LFTE 01 01b Preamble Communication from reader to HCS412 Communication from HCS412 to reader Activate Field ACK Delay to Command Command Delay to Data 32-bit Challenge Delay before Response 32-bit Response Challenge Response Start 1 LFTE Command Description Expected data In Response 11000 Request Hopping Code transmission None 32-Bit Hopping Code TOTH 32-Bit PPM Command Start 2 LFTE TPU Communication from reader to HCS412 Communication from HCS412 to reader Response TATO ACK Start 1 LFTE 01 01b Preamble Activate Field ACK Delay to Command Command Delay before Response 32-bit Response LF Communication from reader to HCS412 LF Communication from HCS412 to reader DATA (RF) Inductive (LF) Field ACK Field ACK 32-Bit PPM Response |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |