| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MS1003SH Datasheet(PDF) 32 Page - Shindengen Electric Mfg.Co.Ltd |
|
|
|||||||||||||||||||||||||||||
MS1003SH Datasheet(HTML) 32 Page - Shindengen Electric Mfg.Co.Ltd |
|
32 / 41 page ![]() MS1003SH・MS1004SH Application Note Ver.2.2 SHINDENGEN ELECTRIC MFG. CO. , LTD 32/41 5.5.5 Design of Vcc pin (1) Basic circuit The diagram to the right is the basic circuit. The circuit consists of D103 and C109 for rectifying the Nc coil output and C110 for noise reduction between Vcc and GND. For C110, use a capacitor with good frequency characteristics. Design around 0.22 μF. (2) Measure against poorly regulated Vcc voltage If the Vcc voltage is not well regulated due to design conditions, such as the load specification, add R110 as shown below to the left. This is generally the most cost-effective way to improve regulation. The chart to the right shows model lines of Vcc voltage regulation relative to output power. The red line represents Vcc voltage regulation with the basic circuit (1). The measure adjusts behavior to the black line. (3) Measure against poorly regulated Vcc voltage The diagram below shows a circuit that improves regulation more effectively than measure (2). Previous Vcc regulation OVP voltage Improved Vcc regulation Output power |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |