| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LPS51 Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH |
|
|
|||||||||||||||||||||||||||||
LPS51 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH |
|
2 / 3 page ![]() www.roithner-laser.com 2 Outline Dimensions all dimensions in mm Electrical Connection (IEC 60130-10, Type A, 5.5/2.1 mm) Precautions Static Electricity: Precautions against electrostatic discharge (ESD) must be taken when handling or operating the module. Surge voltage or electrostatic discharge can result in complete failure of the laser diode. Heat Sinking: In order to maintain lifetime and stability of the laser diode it is essential to provide efficient heat management. For long time stable operation proper contact between laser module and heat sink is mandatory. Safety: This laser module emits highly concentrated visible light which can be hazardous to the human eye and skin. It is classified as CLASS 3R laser product according to IEC 60825-1 and 21 CFR Part 1040.10 Safety Standards. Actual laser light emitted and precautions necessary strongly depend on mode of operation. 19.5 20.0 ~ 300 + VDC GND |