Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SMBYT03 Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza SMBYT03
Descripción Electrónicos  FAST RECOVERY RECTIFIER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMBYT03 Datasheet(HTML) 2 Page - STMicroelectronics

  SMBYT03 Datasheet HTML 1Page - STMicroelectronics SMBYT03 Datasheet HTML 2Page - STMicroelectronics SMBYT03 Datasheet HTML 3Page - STMicroelectronics SMBYT03 Datasheet HTML 4Page - STMicroelectronics SMBYT03 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
VF *
Tj = 25
°CIF = 3 A
1.5
V
Tj = 100
°C
1.05
1.4
IR **
Tj = 25
°CVR = VRRM
10
µA
Tj = 100
°C
0.2
0.6
mA
Pulse test : * tp = 380
µs, duty cycle < 2 %
** tp = 5 ms, duty cycle < 2 %
ELECTRICAL CHARACTERISTICS
STATIC CHARACTERISTICS
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
trr
Tj = 25
°CIF = 0.5A
IR = 1A
Irr = 0.25A
25
ns
IF = 1A
VR = 30V
dIF/dt = -15A/
µs
60
RECOVERY CHARACTERISTICS
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
tIRM
VCC = 200V
IF = 3A
Lp
≤ 0.05µH
Tj = 100
°C
dIF/dt = -50A/
µs
35
50
ns
IRM
1.5
2
A
To evaluate the conduction losses use the following equation :
P = 1.1 x IF(AV) + 0.08 x IF
2
(RMS)
TURN-OFF SWITCHING CHARACTERISTICS (Without serie inductance)
Voltage (V)
200
300
400
Marking
C2
C3
C4
Laser marking
Logo indicates cathode
SMBYT03
2/5



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com