Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SMBYT03 Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza SMBYT03
Descripción Electrónicos  FAST RECOVERY RECTIFIER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMBYT03 Datasheet(HTML) 3 Page - STMicroelectronics

  SMBYT03 Datasheet HTML 1Page - STMicroelectronics SMBYT03 Datasheet HTML 2Page - STMicroelectronics SMBYT03 Datasheet HTML 3Page - STMicroelectronics SMBYT03 Datasheet HTML 4Page - STMicroelectronics SMBYT03 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0.001
0.01
0.1
1
10
0
2
4
6
8
10
12
14
16
18
20
IM
t
=0.5
t(s)
IM(A)
Tc=25 C
o
Tc=55 C
o
Tc=40 C
o
Fig.3 : Non repetitive surge peak forward current
versus overload duration.
0.001
0.01
0.1
1
10
0.01
0.1
1
Zth(j-c) (tp.
)
K=
Rth(j-c)
=0. 5
=0 . 2
=0. 1
Single pulse
tp(s)
T
=tp/T
tp
K
Fig.4 : Relative variation of thermal impedance
junction to lead versus pulse duration.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
10
20
30
40
50
60
P=0.5W
T
I
M
=tp/T
tp
IM(A)
P=1.5W
P=2.5W
Fig.2 : Peak current versus form factor.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
=0.05
=0.1
=0.2
=0.5
T
=tp/T
tp
IF(av)(A)
PF(av)(W)
=1
Fig.1 : Low frequency power losses versus
average current.
0
20
40
60
80
100
120
140
160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
T
=tp/T
tp
=0.5
F(av)(A)
I
o
Tamb( C)
1cm Cu
2
Rth(j-a)=65
C/W
o
Rth(j-a)=Rth(j-l)
Fig.6 : Average current versus ambient
temperature. (duty cycle : 0.5)
0.01
0.1
1
10
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
I FM(A)
VFM(V)
Tl=100
C
o
50
Fig.5 : Voltage drop versus forward current.
(Maximum values)
SMBYT03
3/5



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com