Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AT45DB021B Datasheet(PDF) 15 Page - ATMEL Corporation

No. de pieza AT45DB021B
Descripción Electrónicos  2-megabit 2.7-volt Only DataFlash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021B Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT45DB021B Datasheet HTML 11Page - ATMEL Corporation AT45DB021B Datasheet HTML 12Page - ATMEL Corporation AT45DB021B Datasheet HTML 13Page - ATMEL Corporation AT45DB021B Datasheet HTML 14Page - ATMEL Corporation AT45DB021B Datasheet HTML 15Page - ATMEL Corporation AT45DB021B Datasheet HTML 16Page - ATMEL Corporation AT45DB021B Datasheet HTML 17Page - ATMEL Corporation AT45DB021B Datasheet HTML 18Page - ATMEL Corporation AT45DB021B Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
15
AT45DB021B
1937F–DFLSH–10/02
Reset Timing (Inactive Clock Polarity Low Shown)
Note:
The CS signal should be in the high state before the RESET signal is deasserted.
Command Sequence for Read/Write Operations (except Status Register Read)
Notes:
1. “r” designates bits reserved for larger densities.
2. It is recommended that “r” be a logical “0” for densities of 2M bits or smaller.
3. For densities larger than 2M bits, the “r” bits become the most significant Page Address bit for the appropriate density.
CS
SCK
RESET
SO
HIGH IMPEDANCE
HIGH IMPEDANCE
SI
tRST
tREC
tCSS
SI
CMD
8 bits
8 bits
8 bits
MSB
Reserved for
larger densities
Page Address
(PA9-PA0)
Byte/Buffer Address
(BA8-BA0/BFA8-BFA0)
LSB
r r r r r X X X
X X X X X X X X
X X X X X X X X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33