| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AT45DB021B Datasheet(PDF) 16 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB021B Datasheet(HTML) 16 Page - ATMEL Corporation |
|
16 / 33 page ![]() 16 AT45DB021B 1937F–DFLSH–10/02 Write Operations The following block diagram and waveforms illustrate the various write sequences available. Main Memory Page Program through Buffers Buffer Write Buffer to Main Memory Page Program (Data from Buffer Programmed into Flash Page) FLASH MEMORY ARRAY PAGE (264 BYTES) BUFFER 2 (264 BYTES) BUFFER 1 (264 BYTES) I/O INTERFACE SI BUFFER 1 TO MAIN MEMORY PAGE PROGRAM MAIN MEMORY PAGE PROGRAM THROUGH BUFFER 2 BUFFER 2 TO MAIN MEMORY PAGE PROGRAM MAIN MEMORY PAGE PROGRAM THROUGH BUFFER 1 BUFFER 1 WRITE BUFFER 2 WRITE SI CMD n n+1 Last Byte · Completes writing into selected buffer · Starts self-timed erase/program operation CS rrrr r, PA9-7 PA6-0, BFA8 BFA7-0 SI CMD X X···X, BFA8 BFA7-0 n n+1 Last Byte · Completes writing into selected buffer CS SI CMD rrrr r, PA9-7 PA6-0, X CS Starts self-timed erase/program operation X Each transition represents 8 bits and 8 clock cycles n = 1st byte read n+1 = 2nd byte read |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |