| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M95320-WDL3TP Datasheet(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95320-WDL3TP Datasheet(HTML) 21 Page - STMicroelectronics |
|
21 / 39 page ![]() 21/39 M95640, M95320 MAXIMUM RATING Stressing the device above the rating listed in the Absolute Maximum Ratings" table may cause per- manent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not im- plied. Exposure to Absolute Maximum Rating con- ditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality docu- ments. Table 7. Absolute Maximum Ratings Note: 1. Compliant with the ECOPACK® 7191395 specifiication for lead-free soldering processes 2. No longer than 10 seconds 3. Not exceeding 250°C for more than 30 seconds, and peaking at 260°C 4. JEDEC Std JESD22-A114A (C1=100 pF, R1=1500 Ω, R2=500 Ω) Symbol Parameter Min. Max. Unit TSTG Storage Temperature –65 150 °C TLEAD Lead Temperature during Soldering 1 PDIP SO TSSOP 260 2 260 3 260 3 °C VO Output Voltage –0.45 VCC+0.6 V VI Input Voltage –0.45 6.5 V VCC Supply Voltage –0.3 6.5 V VESD Electrostatic Discharge Voltage (Human Body model) 4 –4000 4000 V |