| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M95320-WDL3TP Datasheet(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95320-WDL3TP Datasheet(HTML) 6 Page - STMicroelectronics |
|
6 / 39 page ![]() M95640, M95320 6/39 SIGNAL DESCRIPTION During all operations, VCC must be held stable and within the specified valid range: VCC(min) to VCC(max). All of the input and output signals must be held High or Low (according to voltages of VIH, VOH, VIL or VOL, as specified in Tables 13 to 17). These sig- nals are described next. Serial Data Output (Q). This output signal is used to transfer data serially out of the device. Data is shifted out on the falling edge of Serial Clock (C). Serial Data Input (D). This input signal is used to transfer data serially into the device. It receives in- structions, addresses, and the data to be written. Values are latched on the rising edge of Serial Clock (C). Serial Clock (C). This input signal provides the timing of the serial interface. Instructions, address- es, or data present at Serial Data Input (D) are latched on the rising edge of Serial Clock (C). Data on Serial Data Output (Q) changes after the falling edge of Serial Clock (C). Chip Select (S). When this input signal is High, the device is deselected and Serial Data Output (Q) is at high impedance. Unless an internal Write cycle is in progress, the device will be in the Stand- by mode. Driving Chip Select (S) Low enables the device, placing it in the active power mode. After Power-up, a falling edge on Chip Select (S) is required prior to the start of any instruction. Hold (HOLD). The Hold (HOLD) signal is used to pause any serial communications with the device without deselecting the device. During the Hold condition, the Serial Data Output (Q) is high impedance, and Serial Data Input (D) and Serial Clock (C) are Don’t Care. To start the Hold condition, the device must be se- lected, with Chip Select (S) driven Low. Write Protect (W). The main purpose of this in- put signal is to freeze the size of the area of mem- ory that is protected against Write instructions (as specified by the values in the BP1 and BP0 bits of the Status Register). This pin must be driven either High or Low, and must be stable during all write operations. |