Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ATR2812SF/HB Datasheet(PDF) 6 Page - International Rectifier

No. de pieza ATR2812SF/HB
Descripción Electrónicos  ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

ATR2812SF/HB Datasheet(HTML) 6 Page - International Rectifier

  ATR2812SF/HB Datasheet HTML 1Page - International Rectifier ATR2812SF/HB Datasheet HTML 2Page - International Rectifier ATR2812SF/HB Datasheet HTML 3Page - International Rectifier ATR2812SF/HB Datasheet HTML 4Page - International Rectifier ATR2812SF/HB Datasheet HTML 5Page - International Rectifier ATR2812SF/HB Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
www.irf.com
ATR28XXT Series
Available Standard Military Drawing (SMD) Cross Reference
Available Screening Levels and Process Variations for ATR28XXT Series
* Per Commercial Standards
Requirement
MIL-STD-883
Method
No
Suffix
ES
Suffix
HB
Suffix
CH
Suffix
Temperature
Range
-20 to +85
°C
-55
°C to +125°C
-55
°C to +125°C
-55
°C to +125°C
Element
Evaluation
MIL-PRF-38534
Internal Visual
2017
∗
Yes
Yes
Yes
Temperature
Cycle
1010,
Cond C
Cond B
Yes
Yes
Constant
Acceleration
2001,
Cond A
500g
5,000 g
5,000 g
Burn-in
1015
48hrs @ 85
°C
48hrs @ 125
°C
160hrs @ 125
°C
160hrs @ 125
°C
Final Electrical
(Group A)
MIL-PRF-
38534
25
°C
25
°C
-55, +25, +125
°C
-55, +25, +125
°C
Seal, Fine &
Gross
1014
Yes
Yes
Yes
External
Visual
2009
∗
Yes
Yes
Yes
Standardized
Vendor
Vendor
Military drawing
CAGE
Similar
PIN
Code
PIN
5962-9315801HXX
52467
ATR2812T/CH
5962-9315801HZX
52467
ATR2812TF/CH
5962-9215901HXX
52467
ATR2815T/CH
5962-9215901HZX
52467
ATR2815TF/CH
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 252-7105
IR SANTA CLARA: 2270 Martin Av., Santa Clara, California 95050, Tel: (408) 727-0500
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 12/2004



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com