Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ATR2812SF/HB Datasheet(PDF) 1 Page - International Rectifier

No. de pieza ATR2812SF/HB
Descripción Electrónicos  ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

ATR2812SF/HB Datasheet(HTML) 1 Page - International Rectifier

  ATR2812SF/HB Datasheet HTML 1Page - International Rectifier ATR2812SF/HB Datasheet HTML 2Page - International Rectifier ATR2812SF/HB Datasheet HTML 3Page - International Rectifier ATR2812SF/HB Datasheet HTML 4Page - International Rectifier ATR2812SF/HB Datasheet HTML 5Page - International Rectifier ATR2812SF/HB Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
12/08/04
www.irf.com
1
HYBRID-HIGH RELIABILITY
DC/DC CONVERTERS
ATR28XXT SERIES
Description
n 30 Watt Output Power
n Flexible Output Loading
n -55°C to +125°C Operation
n Pin Compatible with ATO
n 0.410” Maximum Height
n 16 to 40 VDC Input Range
n 500 Volt Input to Output Isolation
n High Audio Rejection
n MIL-STD-704 Compatible
n Load Fault Protection - Short Circuit and
Overload
n TTL level Compatible Synchronization
Features
ATR
28V Input, Triple Output
Two grades with more limited screening are also
available for use in less demanding applications.
Variations in electrical, mechanical and screening
can be limited accomodated. Contact IR Santa
Clara with specific requirements.
The ATR28XXT Series of DC/DC converters provide
30 watts of output power over the full military
temperature range with no derating. These devices
are pin compatible with the ATO series converters but
offer twice the maximum output power in a lower profile
package. A custom CMOS ASIC pulse width modulator
operating at a nominal switching frequency of 550KHz
combined with a unique magnetic feedback reduces
circuit complexity for enhanced reliability. These
converters provide 500 volt input to output isolation
and operate in highly efficient single forward mode.
The advanced feedback design and high operating
frequency provide an extremely wide bandwidth control
loop with high gain and phase margin. This results in
fast dynamic line and load response as well as superior
audio rejection. The control loop is compensated to
provide optimum performance over the full military
temperature range and over the 16 to 40 volt input
voltage range.
These converters are protected against both continuous
output short circuits and output overload. Either load
fault condition will result in operating in a low power
dissipation foldback mode. The converters will shut
down for approximately 15 milliseconds, then attempt
to restart. This cycle will continue indefinitely unless
the load fault is corrected. Recovery to normal operation
is automatic upon removal of the load fault.
Manufactured in a facility full qualified to MIL-PRF-
38534, these converters are available in four screening
grades to satisfy a wide range of requirements. The CH
grade is fully compliant to the requirements of MIL-
PRF-38534 for class H. The HB grade is processed
and screened to the class H requirement, but element
evaluation and Periodic Inspections (PI) are not
required. Both grades are tested to meet the complete
group “A” test specification over the full military
temperature range without output power deration.
PD-94551A


Número de pieza similar - ATR2812SF/HB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
ATR2812SF/HB IRF-ATR2812SF/HB Datasheet
72Kb / 8P
ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR2812SF/HB IRF-ATR2812SF/HB Datasheet
163Kb / 12P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Descripción similar - ATR2812SF/HB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
ATO28XXT IRF-ATO28XXT Datasheet
55Kb / 7P
ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHV28 IRF-AHV28 Datasheet
81Kb / 9P
ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHE28XXS IRF-AHE28XXS Datasheet
63Kb / 8P
ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AFL270 IRF-AFL270 Datasheet
445Kb / 16P
ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATW28XXD IRF-ATW28XXD Datasheet
58Kb / 8P
ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXD IRF-ATR28XXD Datasheet
72Kb / 8P
ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AFL5005S IRF-AFL5005S Datasheet
122Kb / 11P
ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ASA28XXS IRF-ASA28XXS Datasheet
39Kb / 4P
ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270XXD IRF-AFL270XXD Datasheet
130Kb / 10P
ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL50XXS IRF-AFL50XXS Datasheet
107Kb / 11P
ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com