| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MP7612AS Datasheet
# Example questions:
➢ What is the typical output settling time for the mp7610 family, as demonstrated in graph 1, given a load capacitance of 500pf?
➢ What is the ideal output voltage for an input code of 7ff (hexadecimal) with a vref of 5v?
➢ What is the basic pitch (e) in millimeters?
1. Overview
️· The MP7612 is a 12-bit digital-to-analog converter (DAC) family designed for precision control and instrumentation applications.
️· It's part of the MP7610 family (MP7610, MP7611, MP7612), suggesting similar architectures.
️· It's a mixed-signal device, likely incorporating other functionalities along with the DAC.
️· It's intended for serial interface communication and control.
️· It appears to be targeted towards microprocessor-controlled systems (e.g., MC6800, 8085).
2. Features
️· 12-bit Resolution: Provides good accuracy and detail in analog output.
️· Serial Interface: Supports communication with microprocessors. Specifically mentions interfaces with MC6800 and 8085.
️· Multiple DAC Channels: Implies that the device contains several independent DACs. The datasheet mentions DACs 0, 1, and 2.
️· Programmable Output Voltages: The output voltage range can be programmed, suggesting adjustable reference voltages or other configuration options.
️· Adjustable Output Current: Has programmable output currents.
️· Fast Settling Time: Fast settling time allows for quick changes in the analog output.
️· Precision and Accuracy: High linearity and low noise.
️· Programmable Reference Voltages Allows for flexibility in controlling the output range.
3. Electrical Characteristics (Key Values - Refer to the datasheet for full details and conditions)
️· Supply Voltages: VRI1, VRI2, VOI1, VOI2 (Range between -11V and 9V)
️· Reference Voltages: Programmable reference voltages. VREF.
️· Analog Output Range: Can be configured. Programmable.
️· Digital Input Voltages: VRI and VOI levels.
️· Current Output Range: Programmable.
️· Settling Time: Fast settling time, typically in the microseconds range (e.g., 50µs/division).
️· Input Bias Current: Relatively low, which is important for precision.
️· Output Impedance: Relatively low.
️· Digital Input Logic Levels: Defined for proper communication.
4. Performance Characteristics (Key Values - See the datasheet for comprehensive details and testing conditions)
️· Linearity: Excellent linearity, a critical factor for accuracy. INL (Integral Non-Linearity) and DNL (Differential Non-Linearity) are specified.
️· Accuracy: High accuracy.
️· Settling Time: Fast settling time, essential for dynamic control applications. The datasheet provides graphs of settling time response.
️· Noise: Low noise performance.
5. Package Information (PLCC – Plastic Leaded Chip Carrier)
️· PLCC Size: 44-lead PLCC.
️· Dimensions: Detailed dimensional information for the PLCC is provided in a table. Key dimensions include overall size, lead spacing, and lead dimensions.
Notes & Considerations
️· Interface Complexity: Requires careful attention to the serial interface timing and control signals. The MC6800 and 8085 interface diagrams are essential for proper integration.
️· Reference Voltage Configuration: The choice of reference voltage significantly affects the analog output range and accuracy. Proper configuration is vital.
️· Power Supply Requirements: The supply voltages are not standard and require special attention during design.
️· Datasheet Diagrams: The diagrams (interface diagrams, settling time graphs, etc.) are vital for understanding the device's operation and integration.
️· The full datasheet contains many details that I have not included. This summary provides a high-level overview.
1. Overview
️· The MP7612 is a 12-bit digital-to-analog converter (DAC) family designed for precision control and instrumentation applications.
️· It's part of the MP7610 family (MP7610, MP7611, MP7612), suggesting similar architectures.
️· It's a mixed-signal device, likely incorporating other functionalities along with the DAC.
️· It's intended for serial interface communication and control.
️· It appears to be targeted towards microprocessor-controlled systems (e.g., MC6800, 8085).
2. Features
️· 12-bit Resolution: Provides good accuracy and detail in analog output.
️· Serial Interface: Supports communication with microprocessors. Specifically mentions interfaces with MC6800 and 8085.
️· Multiple DAC Channels: Implies that the device contains several independent DACs. The datasheet mentions DACs 0, 1, and 2.
️· Programmable Output Voltages: The output voltage range can be programmed, suggesting adjustable reference voltages or other configuration options.
️· Adjustable Output Current: Has programmable output currents.
️· Fast Settling Time: Fast settling time allows for quick changes in the analog output.
️· Precision and Accuracy: High linearity and low noise.
️· Programmable Reference Voltages Allows for flexibility in controlling the output range.
3. Electrical Characteristics (Key Values - Refer to the datasheet for full details and conditions)
️· Supply Voltages: VRI1, VRI2, VOI1, VOI2 (Range between -11V and 9V)
️· Reference Voltages: Programmable reference voltages. VREF.
️· Analog Output Range: Can be configured. Programmable.
️· Digital Input Voltages: VRI and VOI levels.
️· Current Output Range: Programmable.
️· Settling Time: Fast settling time, typically in the microseconds range (e.g., 50µs/division).
️· Input Bias Current: Relatively low, which is important for precision.
️· Output Impedance: Relatively low.
️· Digital Input Logic Levels: Defined for proper communication.
4. Performance Characteristics (Key Values - See the datasheet for comprehensive details and testing conditions)
️· Linearity: Excellent linearity, a critical factor for accuracy. INL (Integral Non-Linearity) and DNL (Differential Non-Linearity) are specified.
️· Accuracy: High accuracy.
️· Settling Time: Fast settling time, essential for dynamic control applications. The datasheet provides graphs of settling time response.
️· Noise: Low noise performance.
5. Package Information (PLCC – Plastic Leaded Chip Carrier)
️· PLCC Size: 44-lead PLCC.
️· Dimensions: Detailed dimensional information for the PLCC is provided in a table. Key dimensions include overall size, lead spacing, and lead dimensions.
Notes & Considerations
️· Interface Complexity: Requires careful attention to the serial interface timing and control signals. The MC6800 and 8085 interface diagrams are essential for proper integration.
️· Reference Voltage Configuration: The choice of reference voltage significantly affects the analog output range and accuracy. Proper configuration is vital.
️· Power Supply Requirements: The supply voltages are not standard and require special attention during design.
️· Datasheet Diagrams: The diagrams (interface diagrams, settling time graphs, etc.) are vital for understanding the device's operation and integration.
️· The full datasheet contains many details that I have not included. This summary provides a high-level overview.
| Part No. | MP7612AS |
| Manufacturer | EXAR |
| Size | 231 Kbytes |
| Pages | 20 pages |
| Description | Octal 12-Bit DAC Array D/A Converter with Output Amplifier and Serial Data/Address uP Control Logic |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |