Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTM4650 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LTM4650 Datasheet

  • # Example questions: ➢ Vosns+ is internally connected to the fb pin with a 10kω resistor. what is the purpose of this internal connection, and how does it relate to the remote sense amplifier and output voltage programming?
    ➢ What is the purpose of the track/ss pin and how does the internal 6µa pull-up current contribute to its functionality?
    ➢ The datasheet details several options for the phmode pin (gnd, intvcc, intvcc/2). explain how these different settings affect the phase relationship between the internal oscillator and clkout, and what application benefits each setting provides.

  • Part No.LTM4650
    ManufacturerAD
    Size1Mb
    Pages38 pages
    Description20VIN, 20A Step-Down DC-to-DC μModule Regulator
    Datasheet Summary with AI

    1. General Overview & Package (BGA)

    ️· Package: It's a Ball Grid Array (BGA) package.
    ️· Pinout: The document provides a detailed pinout table for the BGA package (A1-G7). This table maps pin IDs to functions.
    ️· Multiple Channels: The LTM4640 appears to be a multi-channel (likely PolyPhase) switching regulator.

    2. Power Input and Output Pins

    ️· VIN Pins (D3-D4, E3-E4, F4, G4): These are power input pins. They connect to the drain of the internal top MOSFETs. Input decoupling capacitors should be placed between these pins and GND.
    ️· VOUT Pins (A1-A4, F1-F3, G1-G3, A5-A7, G5-G7): These are power output pins. They form the output of the switching regulator. Output decoupling capacitance should be placed between these pins and GND.
    ️· GND Pins (B2, B6, C3-C7, D5-D7, E5-E7, F5-F7, G6-G7): These are ground pins. Use large PCB copper areas to connect these together.

    3. Control & Configuration Pins

    ️· RUN (B4): Enables/disables the regulator. Above 1.35V enables, below 1.1V shuts down.
    ️· PGOOD (B5): An open-drain logic pin indicating power good status. Pulled low when the FB pin is out of tolerance.
    ️· FB (C1): Negative input to the error amplifier. Connected to VOSNS+ with a 10kΩ resistor. Sets the output voltage.
    ️· VOSNS+ (B1): Positive input to a differential remote sense amplifier. Connected to FB with a 10kΩ resistor.
    ️· VOSNS– (C2): Negative input to the remote sense amplifier. A resistor between FB and VOSNS– sets the output voltage.
    ️· COMPa (D1): Current control threshold and compensation point. Connect to COMPb for internal compensation, or to a Type-II C-R-C network for customized compensation.
    ️· MODE/CLKIN (D2): Selects continuous (FCM) or discontinuous (DCM) mode. Can also be used for external clock synchronization.
    ️· FREQ (E1): Adjusts the switching frequency. A resistor from this pin to GND increases the frequency, while a resistor to INTVCC decreases it.
    ️· TRACK/SS (E2): Output tracking and soft start. A capacitor on this pin provides soft-start functionality.
    ️· COMPb (F1): Connect to COMPa for internal compensation.
    ️· CLKOUT (F2): Output clock signal for PolyPhase operation. Phase relationship is determined by PHMODE.
    ️· PHMODE (G5): Selects phase relationship for PolyPhase operation (2, 3, or 4 phases).

    4. Internal Voltage/Signal Pins

    ️· INTVCC (B3): Internal 3.3V regulator output. Powers internal drivers and control circuits.
    ️· SW (B7): Switching node for testing. Can be snubbered.
    ️· TSENSE+ (A6): Positive input to a temperature monitor.
    ️· TSENSE– (A7): Low-side of the internal temperature monitor.
    ️· MODE/CLKIN
    ️· FB
    ️· VOSNS+
    ️· VOSNS–

    5. Important Notes & Functionality

    ️· PolyPhase Operation: The LTM4640 is designed for PolyPhase operation, allowing for multiple phases. FB and COMPa pins should be tied together in parallel operation.
    ️· Remote Sensing: Uses a differential remote sense amplifier to compensate for voltage drops on the output traces.
    ️· Soft Start: A capacitor on the TRACK/SS pin provides a soft-start function.
    ️· Discontinuous/Continuous Mode: Can operate in discontinuous (DCM) or continuous (FCM) mode, selectable via MODE/CLKIN.
    ️· Compensation: The regulator is internally compensated, but external compensation networks can be used.

    1. General Overview & Package (BGA)

    ️· Package: It's a Ball Grid Array (BGA) package.
    ️· Pinout: The document provides a detailed pinout table for the BGA package (A1-G7). This table maps pin IDs to functions.
    ️· Multiple Channels: The LTM4640 appears to be a multi-channel (likely PolyPhase) switching regulator.

    2. Power Input and Output Pins

    ️· VIN Pins (D3-D4, E3-E4, F4, G4): These are power input pins. They connect to the drain of the internal top MOSFETs. Input decoupling capacitors should be placed between these pins and GND.
    ️· VOUT Pins (A1-A4, F1-F3, G1-G3, A5-A7, G5-G7): These are power output pins. They form the output of the switching regulator. Output decoupling capacitance should be placed between these pins and GND.
    ️· GND Pins (B2, B6, C3-C7, D5-D7, E5-E7, F5-F7, G6-G7): These are ground pins. Use large PCB copper areas to connect these together.

    3. Control & Configuration Pins

    ️· RUN (B4): Enables/disables the regulator. Above 1.35V enables, below 1.1V shuts down.
    ️· PGOOD (B5): An open-drain logic pin indicating power good status. Pulled low when the FB pin is out of tolerance.
    ️· FB (C1): Negative input to the error amplifier. Connected to VOSNS+ with a 10kΩ resistor. Sets the output voltage.
    ️· VOSNS+ (B1): Positive input to a differential remote sense amplifier. Connected to FB with a 10kΩ resistor.
    ️· VOSNS– (C2): Negative input to the remote sense amplifier. A resistor between FB and VOSNS– sets the output voltage.
    ️· COMPa (D1): Current control threshold and compensation point. Connect to COMPb for internal compensation, or to a Type-II C-R-C network for customized compensation.
    ️· MODE/CLKIN (D2): Selects continuous (FCM) or discontinuous (DCM) mode. Can also be used for external clock synchronization.
    ️· FREQ (E1): Adjusts the switching frequency. A resistor from this pin to GND increases the frequency, while a resistor to INTVCC decreases it.
    ️· TRACK/SS (E2): Output tracking and soft start. A capacitor on this pin provides soft-start functionality.
    ️· COMPb (F1): Connect to COMPa for internal compensation.
    ️· CLKOUT (F2): Output clock signal for PolyPhase operation. Phase relationship is determined by PHMODE.
    ️· PHMODE (G5): Selects phase relationship for PolyPhase operation (2, 3, or 4 phases).

    4. Internal Voltage/Signal Pins

    ️· INTVCC (B3): Internal 3.3V regulator output. Powers internal drivers and control circuits.
    ️· SW (B7): Switching node for testing. Can be snubbered.
    ️· TSENSE+ (A6): Positive input to a temperature monitor.
    ️· TSENSE– (A7): Low-side of the internal temperature monitor.
    ️· MODE/CLKIN
    ️· FB
    ️· VOSNS+
    ️· VOSNS–

    5. Important Notes & Functionality

    ️· PolyPhase Operation: The LTM4640 is designed for PolyPhase operation, allowing for multiple phases. FB and COMPa pins should be tied together in parallel operation.
    ️· Remote Sensing: Uses a differential remote sense amplifier to compensate for voltage drops on the output traces.
    ️· Soft Start: A capacitor on the TRACK/SS pin provides a soft-start function.
    ️· Discontinuous/Continuous Mode: Can operate in discontinuous (DCM) or continuous (FCM) mode, selectable via MODE/CLKIN.
    ️· Compensation: The regulator is internally compensated, but external compensation networks can be used.

    Part No.LTM4650
    ManufacturerAD
    Size1Mb
    Pages38 pages
    Description20VIN, 20A Step-Down DC-to-DC μModule Regulator
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com