Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTM4650 Datasheet(PDF) 25 Page - Analog Devices

No. de pieza LTM4650
Descripción Electrónicos  20VIN, 20A Step-Down DC-to-DC μModule Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

LTM4650 Datasheet(HTML) 25 Page - Analog Devices

Back Button LTM4650 Datasheet HTML 21Page - Analog Devices LTM4650 Datasheet HTML 22Page - Analog Devices LTM4650 Datasheet HTML 23Page - Analog Devices LTM4650 Datasheet HTML 24Page - Analog Devices LTM4650 Datasheet HTML 25Page - Analog Devices LTM4650 Datasheet HTML 26Page - Analog Devices LTM4650 Datasheet HTML 27Page - Analog Devices LTM4650 Datasheet HTML 28Page - Analog Devices LTM4650 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
Data Sheet
LTM4640
analog.com
Rev. 0
25 of 38
The Pin Configurations and Function Descriptions section gives three thermal coefficients explicitly defined in
JESD5112; these coefficients are quoted or paraphrased as follows.
1. θJA, the thermal resistance from junction to ambient, is the natural convection junction-to-ambient air
thermal resistance measured in one cubic foot sealed enclosure. This environment is sometimes referred
to as “still air”, although natural convection causes the air to move. This value is determined with the part
mounted to a 95mm × 76mm PCB with four layers.
2. θJCbottom, the thermal resistance from the junction to the bottom of the product case, is determined with all
the component power dissipation flowing through the bottom of the package. In the typical µModule
regulator, the bulk of the heat flows out the bottom of the package, but there is always heat flow out into
the ambient environment. As a result, this thermal resistance value may be useful for comparing packages,
but the test conditions don’t generally match the user’s application.
3. θJCtop, the thermal resistance from the junction to the top of the product case, is determined with nearly all
the component’s power dissipation flowing through the top of the package. As the electrical connections
of the typical µModule regulator are on the bottom of the package, it is rare for an application to operate
such that most of the heat flows from the junction to the top of the part. As in the case of θJCbottom, this value
may be useful for comparing packages, but the test conditions don’t generally match the user’s
application.
A graphical representation of the thermal resistances is given in Figure 25; blue resistances are contained within the
μModule regulator, whereas green resistances are external to the µModule package.
Figure 25. Graphical Representation of JESD51–12 Thermal Coefficients
As a practical matter, it should be clear to the user that no individual or sub-group of the three thermal resistance
parameters defined by JESD5112 or provided in the Pin Configurations and Function Descriptions section replicates
or conveys normal operating conditions of a μModule regulator. For example, in normal board-mounted
applications, never does 100% of the device’s total power loss (heat) thermally conducts exclusively through the
top or exclusively through the bottom of the µModule package—as the standard defines for θJCtop and θJCbottom,
respectively. In practice, power loss is thermally dissipated in both directions away from the package—granted, in
the absence of a heat sink and airflow, most of the heat flow is into the board.
Airflow and Heat Sinking
Within the LTM4640, be aware that there are multiple power devices and components dissipating power with a
consequence that the thermal resistances relative to different junctions of components or dies are not exactly
linear with respect to the total package power loss. To reconcile this complication without sacrificing modeling
µModule DEVICE
θJCtop JUNCTION-TO-CASE
(TOP) RESISTANCE
θJB JUNCTION-TO-BOARD RESISTANCE
θJA JUNCTION-TO-AMBIENT RESISTANCE
CASE (TOP)-TO-AMBIENT
RESISTANCE
BOARD-TO-AMBIENT
RESISTANCE
θJCbot JUNCTION-TO-CASE
(BOTTOM) RESISTANCE
JUNCTION
AMBIENT
CASE (BOTTOM)-TO-BOARD
RESISTANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com