Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTM4650 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza LTM4650
Descripción Electrónicos  20VIN, 20A Step-Down DC-to-DC μModule Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

LTM4650 Datasheet(HTML) 5 Page - Analog Devices

  LTM4650 Datasheet HTML 1Page - Analog Devices LTM4650 Datasheet HTML 2Page - Analog Devices LTM4650 Datasheet HTML 3Page - Analog Devices LTM4650 Datasheet HTML 4Page - Analog Devices LTM4650 Datasheet HTML 5Page - Analog Devices LTM4650 Datasheet HTML 6Page - Analog Devices LTM4650 Datasheet HTML 7Page - Analog Devices LTM4650 Datasheet HTML 8Page - Analog Devices LTM4650 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
Data Sheet
LTM4640
analog.com
Rev. 0
5 of 38
(TA = 25°C. VIN = 12V per the typical application shown in Figure 1, unless otherwise specified.)
PARAMETER
SYMBOL
CONDITIONS
COMMENTS
MIN
TYP
MAX UNITS
Output current
limit
IOUTPK
VIN = 12V, VOUT = 1.5V
26
A
Voltage at FB pin
VFB
IOUT = 0A, VOUT = 1.5V
–40°C ≤ TJ ≤
125°C
0.594 0.60 0.606
V
Current at FB pin
IFB
3
±30
nA
Resistor between
VOSNS+ and FB pins
RFBHI
10
Track pin soft start
pull-up current
ITRACK/SS
TRACK/SS = 0V
6
10
µA
VIN Undervoltage
lockout
VIN(UVLO)
VIN falling
2.45
2.6
2.75
V
VIN hysteresis
350
mV
Minimum on-time
tON(MIN)
3
25
ns
Minimum off-time
tOFF(MIN)
3
50
ns
PGOOD trip level
VPGOOD
VFB with respect to set output
VFB ramping negative
–12
–8
–5
%
VFB with respect to set output
VFB ramping positive
5
8
12
%
PGOOD leakage
IPGOOD
VPGOOD = INTVCC, VFB = 0.6V
2
µA
PGOOD voltage
low
VPGL
IPGOOD = 1mA
0.02
0.1
V
Internal VCC
voltage
VINTVCC
VIN = 4V to 20V
3.2
3.3
3.4
V
Oscillator
frequency
fOSC
600
kHz
1
The LTM4640, including the E-grade and I-grade parts (see Table 14), is tested under pulsed load conditions
such as that TJ ≈ TA. The LTM4640E is guaranteed to meet performance specifications over the 0°C to 125°C
internal operating temperature range. Specifications over the –40°C to 125°C internal operating temperature
range are assured by design, characterization, and correlation with statistical process controls. The
LTM4640I is guaranteed to meet specifications over the full –40°C to 125°C internal operating temperature
range. Note that the maximum ambient temperature consistent with these specifications is determined by
specific operating conditions in conjunction with board layout, the rated package thermal resistance, and
other environmental factors.
2
See Thermal Considerations and Output Current Derating for different VIN, VOUT, and TA conditions.
3
100% tested at wafer level.
4
The LTM4640, includes overtemperature protection that is intended to protect the device during momentary
overload conditions. The junction temperature exceeds 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction temperature may impair the
device’s reliability.
5
Guaranteed by design. Validated from bench measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com