Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTM4650 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza LTM4650
Descripción Electrónicos  20VIN, 20A Step-Down DC-to-DC μModule Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

LTM4650 Datasheet(HTML) 1 Page - Analog Devices

  LTM4650 Datasheet HTML 1Page - Analog Devices LTM4650 Datasheet HTML 2Page - Analog Devices LTM4650 Datasheet HTML 3Page - Analog Devices LTM4650 Datasheet HTML 4Page - Analog Devices LTM4650 Datasheet HTML 5Page - Analog Devices LTM4650 Datasheet HTML 6Page - Analog Devices LTM4650 Datasheet HTML 7Page - Analog Devices LTM4650 Datasheet HTML 8Page - Analog Devices LTM4650 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Data Sheet
LTM4640
20VIN, 20A Step-Down DC-to-DC µModule Regulator
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Wa y, Wilmington, MA 01887 - 2356, U.S.A.
T el: 781.329.4700
© 2024 Analog D evic es, Inc. Al l rig hts r eser ved.
FEATURES
Complete Solution in <1cm2 (Single-Sided PCB)
or 0.5cm2 (Dual-Sided PCB)
Wide Input Voltage Range: 3.1V to 20V
0.6V to 3.3V Output Voltage
Up to 20A DC output current
±1.5% Maximum Total DC Output Voltage Error
Differential Remote Sensing Amplifier
Fast Transient Response
External Frequency Synchronization
Multiphase Parallel Current Sharing with up
to 4 × LTM4640s
Power Good Indicator
Overvoltage and Overtemperature Protection
49-Pin, 6.25mm × 6.25mm × 5.07mm, BGA package
Pin compatible with LTM4626, LTM4638, and
LTM4657
APPLICATIONS
Telecom, Datacom, Networking, and
Industrial Equipment
Medical Diagnostic Equipment
Data Storage Rack Units and Cards
Test and Debug Systems
GENERAL DESCRIPTION
The LTM4640 is a complete 20A step-down switching
mode power µModule® (micromodule) regulator in a
tiny 6.25mm × 6.25mm × 5.07mm BGA package. The
package includes the switching controller, the power
MOSFETs, an inductor, and the supporting
components. Operating over an input voltage range of
3.1V to 20V, the LTM4640 supports an output voltage
range of 0.6V to 3.3V, set by a single external resistor.
Its high-efficiency design delivers up to 20A continuous
output current. Only bulk input and output capacitors
are needed.
The LTM4640 supports selectable discontinuous-
conduction mode (DCM) operation and output voltage
tracking for supply rail sequencing. Its high switching
frequency and controlled on-time valley current mode
architecture enable a very fast transient response to
line and load changes without sacrificing stability.
Fault protection features include overvoltage and
overtemperature protection.
The LTM4640 is available with a RoHS-compliant
terminal finish.
TYPICAL APPLICATION
Figure 1. 20A, 1VOUT DC-to-DC Step-Down µModule Regulator
Figure 2. 1VOUT Efficiency vs. Load Current
15kΩ
2 × 22µF
25V
VIN
3.1V TO 20V
VOUT
1.0V, 20A
4 × 100µF
6.3V
0.1µF
VIN
RUN
INTVCC
MODE/CLKIN
COMPa
COMPb
VOUT
VOSNS+
FB
GND
LTM4640
VOSNS–
PINS NOT USED
IN THIS CIRCUIT:
CLKOUT, FREQ,
PGOOD, PHMODE
TRACK/SS
VIN = 5V, 600kHz
VIN = 12V, 600kHz
LOAD CURRENT (A)
0
2
4
6
8
10
12
14
16
18
20
70
75
80
85
90
95


Número de pieza similar - LTM4650

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTM4650 LINER-LTM4650 Datasheet
1Mb / 28P
Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
LTM4650 LINER-LTM4650 Datasheet
1Mb / 36P
40A DC/DC 關Module Regulator
LTM4650 LINER-LTM4650 Datasheet
695Kb / 34P
25A DC/DC Step-Down 關Module Regulator
LTM4650 LINER-LTM4650 Datasheet
1Mb / 34P
30A DC/DC Step-Down 關Module Regulator
LTM4650 LINER-LTM4650 Datasheet
720Kb / 34P
Dual 25A or Single 50A DC/DC 關Module Regulator
More results

Descripción similar - LTM4650

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTM4637 LINER-LTM4637 Datasheet
585Kb / 28P
20A DC/DC 關Module Step-Down Regulator
LTM4625 LINER-LTM4625_15 Datasheet
455Kb / 24P
20VIN, 5A Step-Down DC/DC Module Regulator
LTM4623 LINER-LTM4623_15 Datasheet
375Kb / 26P
Ultrathin 20VIN, 3A Step-Down DC/DC Module Regulator
LTM4637 LINER-LTM4637_15 Datasheet
615Kb / 30P
20A DC/DC Module Step-Down Regulator
LTM4639 LINER-LTM4639_15 Datasheet
579Kb / 32P
Low VIN 20A DC/DC Module Step-Down Regulator
LTM4625 LINER-LTM4625 Datasheet
1Mb / 26P
20VIN, 5A Step-Down DC/DC 關Module Regulator
LTM4623 LINER-LTM4623 Datasheet
401Kb / 28P
Ultrathin 20VIN, 3A Step-Down DC/DC 關Module Regulator
logo
Analog Devices
LTM4657 AD-LTM4657 Datasheet
1Mb / 28P
20VIN, 8A Step-Down DC/DC 關Module Regulator
03/21-REV.A
LTM4705 AD-LTM4705 Datasheet
1Mb / 24P
20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
LTM4638 AD-LTM4638 Datasheet
2Mb / 30P
20VIN, 15A Step-Down DC/DC μModule Regulator
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com