| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MBR540S Datasheet
# Example questions:
➢ What is the maximum average forward current the mbr540s can handle?
➢ What is the maximum thermal resistance from junction to ambient for the mbr540s?
➢ What is the typical forward voltage drop at a junction temperature of 25°c with a forward current of 5a?
# MBR540S SCHOTTKY RECTIFIER
Applications:
️· Switching power supply
️· Converters
️· Free-Wheeling diodes
️· Reverse battery protection
️· Center tap configuration
Features:
️· Designed as Bypass Diodes for Solar Panels for High Thermal Reliability
️· High Forward Surge Capability
️· Ultra Low Forward Voltage Drop
️· Excellent High Temperature Stability
️· Pb-Free Device
️· Traceable to wafer lot
️· Additional testing available
Mechanical Dimensions: TO-277B
Ordering Information:
| Device | Package | Shipping |
|---|---|---|
| MBR540S | TO-277B(Pb-Free) | 5000pcs/ reel |
| Characteristics | Symbol | Max. | Units |
|---|---|---|---|
| Peak Inverse Voltage | VRWM | 40 | V |
| Average Forward Current | IF(AV) | 5 | A |
| Peak One Cycle Non-Repetitive Surge Current | IFSM | 150 | A |
| Characteristics | Symbol | Condition | Max. | Units |
|---|---|---|---|---|
| Forward Voltage Drop | VF1 | @ 5A, Pulse, TJ = 25°C | 0.52 | V |
| Forward Voltage Drop | VF2 | @ 5A, Pulse, TJ = 125°C | 0.45 | V |
| Reverse Current | IR1 | @VR = rated VR, TJ = 25°C | 1 | mA |
| Reverse Current | IR2 | @VR = rated VR, TJ = 125°C | 100 | mA |
| Characteristics | Symbol | Specification | Units |
|---|---|---|---|
| Junction Temperature | TJ | -55 to +125 | °C |
| Storage Temperature | Tstg | -55 to +125 | °C |
| Thermal Resistance Junction to Ambient | RθJA | 60 | °C/W |
| Thermal Resistance Junction to Lead | RθJL | 3 | °C/W |
| Approximate Weight | wt | 0.08 | g |
# MBR540S SCHOTTKY RECTIFIER
Applications:
️· Switching power supply
️· Converters
️· Free-Wheeling diodes
️· Reverse battery protection
️· Center tap configuration
Features:
️· Designed as Bypass Diodes for Solar Panels for High Thermal Reliability
️· High Forward Surge Capability
️· Ultra Low Forward Voltage Drop
️· Excellent High Temperature Stability
️· Pb-Free Device
️· Traceable to wafer lot
️· Additional testing available
Mechanical Dimensions: TO-277B
Ordering Information:
| Device | Package | Shipping |
|---|---|---|
| MBR540S | TO-277B(Pb-Free) | 5000pcs/ reel |
| Characteristics | Symbol | Max. | Units |
|---|---|---|---|
| Peak Inverse Voltage | VRWM | 40 | V |
| Average Forward Current | IF(AV) | 5 | A |
| Peak One Cycle Non-Repetitive Surge Current | IFSM | 150 | A |
| Characteristics | Symbol | Condition | Max. | Units |
|---|---|---|---|---|
| Forward Voltage Drop | VF1 | @ 5A, Pulse, TJ = 25°C | 0.52 | V |
| Forward Voltage Drop | VF2 | @ 5A, Pulse, TJ = 125°C | 0.45 | V |
| Reverse Current | IR1 | @VR = rated VR, TJ = 25°C | 1 | mA |
| Reverse Current | IR2 | @VR = rated VR, TJ = 125°C | 100 | mA |
| Characteristics | Symbol | Specification | Units |
|---|---|---|---|
| Junction Temperature | TJ | -55 to +125 | °C |
| Storage Temperature | Tstg | -55 to +125 | °C |
| Thermal Resistance Junction to Ambient | RθJA | 60 | °C/W |
| Thermal Resistance Junction to Lead | RθJL | 3 | °C/W |
| Approximate Weight | wt | 0.08 | g |
| Part No. | MBR540S |
| Manufacturer | SMC |
| Size | 242 Kbytes |
| Pages | 5 pages |
| Description | SCHOTTKY RECTIFIER |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |