Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SC5180 Datasheet (PDF) - Infinite Electronics International, Inc.

SC5180 Datasheet PDF - Infinite Electronics International, Inc.
No. de pieza SC5180
Descarga  SC5180 Descarga
Tamaño del archivo   264.86 Kbytes
Page   3 Pages
Fabricante Electrónico  FAIRVIEW [Infinite Electronics International, Inc.]
Página de inicio  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Descripción Electrónicos SMP Female (Jack) Connector For RG405 Cable Up To 8 GHz, Solder

SC5180 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
SC5180 Datasheet PDF - Infinite Electronics International, Inc.

No. de pieza SC5180
Descarga  SC5180 Click to download

Tamaño del archivo   264.86 Kbytes
Page   3 Pages
Fabricante Electrónico  FAIRVIEW [Infinite Electronics International, Inc.]
Página de inicio  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Descripción Electrónicos SMP Female (Jack) Connector For RG405 Cable Up To 8 GHz, Solder

SC5180 Datasheet (HTML) - Infinite Electronics International, Inc.


SC5180 Detalles de producto

Features
• Operating Frequency of 8 GHz Max.
• Excellent VSWR of 1.1:1
• Blind Mate Connector
• Gold Plated Beryllium Copper Contact
• Contact plating according to MIL-DTL-45204
• Applications
• General Purpose Test
• Custom Cable Assemblies
• Description
• SMP Female Standard Connector Solder Attachment for RG405 Cable, part number SC5180, from Fairview Microwave is in-stock and ships
• same day. This SMP female connector operates up to a maximum frequency of 8 GHz and offers excellent VSWR of 1.1:1. This blind mate
• connector is ideal for applications without direct visual or tactile access to the connection point, for example, when two circuit boards need
• to be mated.
• Fairview's SMP female connector SC5180 datasheet specifications and outline drawing are shown in this PDF below. Our extensive offering
• of RF, microwave and millimeter wave connectors allows designers to configure and customize their signal connections however they like.
• From providing an I/O for a board design to creating a custom cable assembly configuration, Fairview Microwave has a connector solution to
• meet your needs. Fairview Microwave also has the expertise to build your custom cable assemblies for you and ship them same-day.




Número de pieza similar - SC5180

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infinite Electronics In...
SC5181 FAIRVIEW-SC5181 Datasheet
556Kb / 3P
SMP Female (Jack) Connector For .047 SR Cable Up To 40 GHz, Solder
REV 1.1
SC5184 FAIRVIEW-SC5184 Datasheet
425Kb / 3P
RA SMP Female Connector Crimp/Crimp Attachment For RG178, RG196 Cable Up To 8 GHz
REV 1
SC5185 FAIRVIEW-SC5185 Datasheet
510Kb / 3P
SMP Male Full Detent PCB Connector Thru Hole Solder Attachment Round Body, Up To 8 GHz
REV 1.2
SC5186 FAIRVIEW-SC5186 Datasheet
532Kb / 3P
SMP Male Limited Detent PCB Connector Thru Hole Solder Attachment Square Body, Up To 8 GHz
REV 1.1
SC5187 FAIRVIEW-SC5187 Datasheet
428Kb / 3P
SMP Male Limited Detent PCB Connector End Launch Solder Attachment Up To 6 GHz
REV 1.2
More results


Descripción similar - SC5180

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE36158 PASTERNACK-PE36158 Datasheet
270Kb / 1P
CABLE ASSEMBLY, RG405/U, SMP FEMALE TO SMP FEMALE RIGHT ANGLE
PE44770 PASTERNACK-PE44770 Datasheet
271Kb / 3P
SMP Female Connector Solder Attachment For RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
PE44771 PASTERNACK-PE44771 Datasheet
269Kb / 3P
SMP Female Connector Solder Attachment For PE-047SR,PE-SR047AL, PE-SR047FL, Up To 8 GHz
PE44772 PASTERNACK-PE44772 Datasheet
269Kb / 3P
SMP Female Right Angle Connector Solder Attachment For RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
PE44974 PASTERNACK-PE44974 Datasheet
364Kb / 3P
Mini SMP Female Connector Solder Attachment for RG405, PE-SR405FL
PE36150 PASTERNACK-PE36150 Datasheet
106Kb / 1P
CABLE ASSEMBLY, RG405/U SMP FEMALE TO SMP FEMALE
PE36150LF PASTERNACK-PE36150LF Datasheet
274Kb / 1P
CABLE ASSEMBLY, RG405/U SMP FEMALE TO SMP FEMALE (LEAD FREE)
PE45248 PASTERNACK-PE45248 Datasheet
369Kb / 4P
SMP Female Right Angle Connector Solder Attachment for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
PE45285 PASTERNACK-PE45285 Datasheet
369Kb / 4P
SMP Female Push-On Connector Solder Attachment for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
logo
Molex Electronics Ltd.
SD-73415-374 MOLEX-SD-73415-374 Datasheet
121Kb / 1P
SMP JACK STR FOR RG405 CABLE SMP-JC EWR-1350
2022/08/29
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com