Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SC5181 Datasheet (PDF) - Infinite Electronics International, Inc.

SC5181 Datasheet PDF - Infinite Electronics International, Inc.
No. de pieza SC5181
Descarga  SC5181 Descarga
Tamaño del archivo   556.14 Kbytes
Page   3 Pages
Fabricante Electrónico  FAIRVIEW [Infinite Electronics International, Inc.]
Página de inicio  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Descripción Electrónicos SMP Female (Jack) Connector For .047 SR Cable Up To 40 GHz, Solder

SC5181 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
SC5181 Datasheet PDF - Infinite Electronics International, Inc.

No. de pieza SC5181
Descarga  SC5181 Click to download

Tamaño del archivo   556.14 Kbytes
Page   3 Pages
Fabricante Electrónico  FAIRVIEW [Infinite Electronics International, Inc.]
Página de inicio  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Descripción Electrónicos SMP Female (Jack) Connector For .047 SR Cable Up To 40 GHz, Solder

SC5181 Datasheet (HTML) - Infinite Electronics International, Inc.


SC5181 Detalles de producto

Features
• Operating Frequency
• of 40 GHz Max.
• Blind Mate Connector
• Gold Plated Beryllium
• Copper Contact
• Contact plating according
• to MIL-DTL-45204
• Applications:
• General Purpose Test
• Custom Cable Assemblies




Número de pieza similar - SC5181

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infinite Electronics In...
SC5180 FAIRVIEW-SC5180 Datasheet
264Kb / 3P
SMP Female (Jack) Connector For RG405 Cable Up To 8 GHz, Solder
REV C
SC5184 FAIRVIEW-SC5184 Datasheet
425Kb / 3P
RA SMP Female Connector Crimp/Crimp Attachment For RG178, RG196 Cable Up To 8 GHz
REV 1
SC5185 FAIRVIEW-SC5185 Datasheet
510Kb / 3P
SMP Male Full Detent PCB Connector Thru Hole Solder Attachment Round Body, Up To 8 GHz
REV 1.2
SC5186 FAIRVIEW-SC5186 Datasheet
532Kb / 3P
SMP Male Limited Detent PCB Connector Thru Hole Solder Attachment Square Body, Up To 8 GHz
REV 1.1
SC5187 FAIRVIEW-SC5187 Datasheet
428Kb / 3P
SMP Male Limited Detent PCB Connector End Launch Solder Attachment Up To 6 GHz
REV 1.2
More results


Descripción similar - SC5181

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0734155120 MOLEX11-0734155120 Datasheet
71Kb / 1P
50 Ohms, SMP Jack, Right-Angle, 1.194mm Semi-Rigid Cable, SR-047 Cable
logo
Amphenol Corporation
7012-1294-1295-1296 AMPHENOL-7012-1294-1295-1296 Datasheet
76Kb / 1P
SMP FEMALE TO SMPM FEMALE FOR .047 CABLE ASSEMBLY
7012-1324-1326 AMPHENOL-7012-1324-1326 Datasheet
76Kb / 1P
SMP FEMALE TO SMA MALE FOR .047 CABLE ASSEMBLY
7032-7159-7160-7161 AMPHENOL-7032-7159-7160-7161 Datasheet
140Kb / 1P
SMP FEMALE TO 2.92mm MALE FOR .047 CABLE ASSEMBLY
logo
Amphenol SV Microwave
7012-2004-2005 SVMICROWAVE-7012-2004-2005 Datasheet
89Kb / 1P
SMP FEMALE R/A TO SMP FEMALE ASSEMBLY FOR .047 SUPERFLEX CABLE
SJ 07/21/22
1221-40115 SVMICROWAVE-1221-40115 Datasheet
94Kb / 1P
SMP EF JACK FOR Ø.047 CABLE
03/22
7012-1926 SVMICROWAVE-7012-1926 Datasheet
81Kb / 1P
SMP FEMALE TO SMP FEMALE Ø.047 CABLE ASSEMBLY
REV.02 04/22
7032-7159-7161 SVMICROWAVE-7032-7159-7161 Datasheet
140Kb / 1P
SMP FEMALE TO 2.92mm MALE FOR .047 CABLE ASSEMBLY
06/17
7032-7160-7161 SVMICROWAVE-7032-7160-7161 Datasheet
140Kb / 1P
SMP FEMALE TO 2.92mm MALE FOR .047 CABLE ASSEMBLY
06/17
logo
Times Microwave Systems...
3190-6879 TIMES-3190-6879 Datasheet
36Kb / 1P
SMP Female (Plug) Straight Non-Solder Pin Direct Solder Connector for PT-047 Cable
Rev. A
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com