Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SC5186 Datasheet (PDF) - Infinite Electronics International, Inc.

SC5186 Datasheet PDF - Infinite Electronics International, Inc.
No. de pieza SC5186
Descarga  SC5186 Descarga
Tamaño del archivo   532.28 Kbytes
Page   3 Pages
Fabricante Electrónico  FAIRVIEW [Infinite Electronics International, Inc.]
Página de inicio  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Descripción Electrónicos SMP Male Limited Detent PCB Connector Thru Hole Solder Attachment Square Body, Up To 8 GHz

SC5186 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
SC5186 Datasheet PDF - Infinite Electronics International, Inc.

No. de pieza SC5186
Descarga  SC5186 Click to download

Tamaño del archivo   532.28 Kbytes
Page   3 Pages
Fabricante Electrónico  FAIRVIEW [Infinite Electronics International, Inc.]
Página de inicio  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Descripción Electrónicos SMP Male Limited Detent PCB Connector Thru Hole Solder Attachment Square Body, Up To 8 GHz

SC5186 Datasheet (HTML) - Infinite Electronics International, Inc.


SC5186 Detalles de producto

Features
• Operating Frequency
• of 18 GHz Max.
• Good VSWR of 1.4:1
• Blind Mate Connector
• Gold Plated Beryllium
• Copper Contact
• Contact plating according
• to MIL-DTL-45204
• Applications:
• General Purpose Test
• PCB Applications




Número de pieza similar - SC5186

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infinite Electronics In...
SC5180 FAIRVIEW-SC5180 Datasheet
264Kb / 3P
SMP Female (Jack) Connector For RG405 Cable Up To 8 GHz, Solder
REV C
SC5181 FAIRVIEW-SC5181 Datasheet
556Kb / 3P
SMP Female (Jack) Connector For .047 SR Cable Up To 40 GHz, Solder
REV 1.1
SC5184 FAIRVIEW-SC5184 Datasheet
425Kb / 3P
RA SMP Female Connector Crimp/Crimp Attachment For RG178, RG196 Cable Up To 8 GHz
REV 1
SC5185 FAIRVIEW-SC5185 Datasheet
510Kb / 3P
SMP Male Full Detent PCB Connector Thru Hole Solder Attachment Round Body, Up To 8 GHz
REV 1.2
SC5187 FAIRVIEW-SC5187 Datasheet
428Kb / 3P
SMP Male Limited Detent PCB Connector End Launch Solder Attachment Up To 6 GHz
REV 1.2
More results


Descripción similar - SC5186

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE44775 PASTERNACK-PE44775 Datasheet
258Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thru Hole PCB, Round Body, Up To 8 GHz
PE44776 PASTERNACK-PE44776 Datasheet
259Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB, Square Body, Up To 8 GHz
PE44779 PASTERNACK-PE44779 Datasheet
252Kb / 3P
SMP Male Hermetically Sealed Connector Solder Attachment Thru Hole PCB, Up To 8 GHz
PE44780 PASTERNACK-PE44780 Datasheet
251Kb / 3P
SMP Male Hermetically Sealed Connector Solder Attachment Thru Hole PCB, Up To 8 GHz
PE44840 PASTERNACK-PE44840 Datasheet
263Kb / 3P
SMP Male Connector Solder Attachment Thru Hole PCB, Up To 8 GHz Smooth Bore
PE44936 PASTERNACK-PE44936 Datasheet
380Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB .127 inch Pin Length
PE44940 PASTERNACK-PE44940 Datasheet
376Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB Hex Body Non Captive Center Contact
PE44941 PASTERNACK-PE44941 Datasheet
377Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB Non Captive Center Contact
PE44958 PASTERNACK-PE44958 Datasheet
377Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB .140 inch Pin Length
PE44959 PASTERNACK-PE44959 Datasheet
376Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB 3 Leg Version
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com