Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SL28647CLC Datasheet(PDF) 2 Page - Silicon Laboratories

No. de pieza SL28647CLC
Descripción Electrónicos  Clock Generator for Intel짰CK505
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28647CLC Datasheet(HTML) 2 Page - Silicon Laboratories

  SL28647CLC Datasheet HTML 1Page - Silicon Laboratories SL28647CLC Datasheet HTML 2Page - Silicon Laboratories SL28647CLC Datasheet HTML 3Page - Silicon Laboratories SL28647CLC Datasheet HTML 4Page - Silicon Laboratories SL28647CLC Datasheet HTML 5Page - Silicon Laboratories SL28647CLC Datasheet HTML 6Page - Silicon Laboratories SL28647CLC Datasheet HTML 7Page - Silicon Laboratories SL28647CLC Datasheet HTML 8Page - Silicon Laboratories SL28647CLC Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
SL28647
.......................Document #: 001-05103 Rev *B Page 2 of 27
Pin Description
Pin No.
Name
Type
Description
1, 49, 54, 65 VDD_SRC
PWR
3.3V power supply for outputs.
2, 3, 52, 53,
55, 56, 58,
59, 60, 61,
63, 64, 66,
67, 69, 70
SRCT/C[2:9]
O, DIF 100-MHz Differential serial reference clocks.
4, 68
VSS_SRC
GND
Ground for outputs.
5, 6
CPUT2_ITP/SRCT10,
CPUC2_ITP/SRCC10
O, DIF Selectable differential CPU or SRC clock output.
ITP_SEL = 0 @ pin 39 assertion = SRC10
ITP_SEL = 1 @ pin 39 assertion = CPU2
7
VDDA
PWR
3.3V power supply for PLL.
8
VSSA
GND
Ground for PLL.
9
NC
NC
No Connect Pin
10, 11
CPUC1_MCH,
CPUT1_MCH
O, DIF Differential CPU clock output to MCH
12
VDD_CPU
PWR
3.3V power supply for outputs.
13, 14
CPU[T/C]0
O, DIF Differential CPU clock output
15
VSS_CPU
GND
Ground for outputs.
16
SCLK
I
SMBus-compatible SCLOCK.
17
SDATA
I/O, OD SMBus-compatible SDATA.
18
VDD_REF
PWR
3.3V power supply for outputs.
19
XOUT
O, SE 14.318-MHz crystal output.
20
XIN
I
14.318-MHz crystal input.
21
VSS_REF
GND
Ground for outputs.
22
REF1
O
Fixed 14.318-MHz clock output.
23
REF0/FSC_TESTSEL
I/O
Fixed 14.318 clock output/3.3V-tolerant input for CPU frequency
selection/Selects test mode if pulled to VIMFS_C when pin 39 is asserted LOW.
Refer to DC Electrical Specifications table for VILFS_C,VIMFS_C,VIHFS_C specifi-
cations.
24
CPU_STP#
I
3.3V LVTTL input for CPU_STP# active LOW
During direct clock off to M1 mode transition, a serial load of BSEL data is driven
on this pin and sampled on the rising edge of PCI_STP#. See Figure 14.for more
information.
25
PCI_STP#
I
3.3V LVTTL input for PCI_STP# active LOW
During direct clock off to M1 mode transition, a serial load of BSEL data is driven
on CPU_STP# and sampled on the rising edge of this pin. See Figure 14. for more
information.
26, 28, 29,
38, 46, 57,
62, 71, 72
CLKREQ[1:9]#
I
3.3V LVTTL input for enabling assigned SRC clock (active LOW).
27
PCI1
I/O, SE 33MHz clock output
30, 36
VDD_PCI
PWR
3.3V power supply for outputs.
31, 35
VSS_PCI
GND
Ground for outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com