Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SL28647CLC Datasheet(PDF) 21 Page - Silicon Laboratories

No. de pieza SL28647CLC
Descripción Electrónicos  Clock Generator for Intel짰CK505
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28647CLC Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button SL28647CLC Datasheet HTML 17Page - Silicon Laboratories SL28647CLC Datasheet HTML 18Page - Silicon Laboratories SL28647CLC Datasheet HTML 19Page - Silicon Laboratories SL28647CLC Datasheet HTML 20Page - Silicon Laboratories SL28647CLC Datasheet HTML 21Page - Silicon Laboratories SL28647CLC Datasheet HTML 22Page - Silicon Laboratories SL28647CLC Datasheet HTML 23Page - Silicon Laboratories SL28647CLC Datasheet HTML 24Page - Silicon Laboratories SL28647CLC Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
SL28647
.....................Document #: 001-05103 Rev *B Page 21 of 27
TPERI-
ODSSAbs
200 MHz CPUT and CPUC Absolute
period, SSC
Measured at 0V differential @ 1 clock
4.91453
5.11060
ns
TPERI-
ODSSAbs
266 MHz CPUT and CPUC Absolute
period, SSC
Measured at 0V differential @ 1 clock
3.66465
3.85420
ns
TPERI-
ODSSAbs
333 MHz CPUT and CPUC Absolute
period, SSC
Measured at 0V differential @ 1 clock
2.91472
3.10036
ns
TPERI-
ODSSAbs
400 MHz CPUT and CPUC Absolute
period, SSC
Measured at 0V differential @ 1 clock
2.41477
2.59780
ns
TCCJ
CPU Cycle to Cycle Jitter
Measured at 0V differential
85
ps
TCCJ2
CPU2_ITP Cycle to Cycle Jitter
Measured at 0V differential
125
ps
LACC
Long-term Accuracy
Measured at 0V differential
100
ppm
TSKEW
CPU0 to CPU1 Clock Skew
Measured at 0V differential
100
ps
TSKEW2
CPU2_ITP to CPU0 Clock Skew
Measured at 0V differential
150
ps
TR / TF
CPU Rising/Falling Slew rate
Measured differentially from ±150 mV
2.5
8
V/ns
TRFM
Rise/Fall Matching
Measured single-endedly from ±75 mV
20
%
VHIGH
Voltage High
1.15
V
VLOW
Voltage Low
–0.3
V
VOX
Crossing Point Voltage at 0.7V Swing
300
550
mV
SRC at 0.7V
TDC
SRC Duty Cycle
Measured at 0V differential
45
55
%
TPERIOD
100 MHz SRC Period
Measured at 0V differential @ 0.1s
9.99900
10.0010
ns
TPERIODSS
100 MHz SRC Period, SSC
Measured at 0V differential @ 0.1s
10.02406 10.02607
ns
TPERIODAbs 100 MHz SRC Absolute Period
Measured at 0V differential @ 1 clock
9.87400
10.1260
ns
TPERI-
ODSSAbs
100 MHz SRC Absolute Period, SSC Measured at 0V differential @ 1 clock
9.87406
10.1762
ns
TSKEW(windo
w)
Any SRC Clock Skew from the
earliest bank to the latest bank
Measured at 0V differential
3.0
ns
TCCJ
SRC Cycle to Cycle Jitter
Measured at 0V differential
125
ps
LACC
SRC Long Term Accuracy
Measured at 0V differential
100
ppm
TR / TF
SRC Rising/Falling Slew Rate
Measured differentially from ±150 mV
2.5
8
V/ns
TRFM
Rise/Fall Matching
Measured single-endedly from ±75 mV
20
%
VHIGH
Voltage High
1.15
V
VLOW
Voltage Low
–0.3
V
VOX
Crossing Point Voltage at 0.7V Swing
300
550
mV
DOT96 at 0.7V
TDC
DOT96 Duty Cycle
Measured at 0V differential
45
55
%
TPERIOD
DOT96 Period
Measured at 0V differential at 0.1s
10.4156
10.4177
ns
TPERIODAbs DOT96 Absolute Period
Measured at 0V differential at 0.1s
10.1656
10.6677
ns
TCCJ
DOT96 Cycle to Cycle Jitter
Measured at 0V differential at 1 clock
250
ps
LACC
DOT96 Long Term Accuracy
Measured at 0V differential at 1 clock
100
ppm
TR / TF
DOT96 Rising/Falling Slew Rate
Measured differentially from ±150 mV
2.5
8
V/ns
TRFM
Rise/Fall Matching
Measured single-endedly from ±75 mV
20
%
VHIGH
Voltage High
1.15
V
VLOW
Voltage Low
–0.3
V
VOX
Crossing Point Voltage at 0.7V Swing
300
550
mV
AC Electrical Specifications (continued)
Parameter
Description
Condition
Min.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com