| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BT8376EPF Datasheet(PDF) 57 Page - Synaptics Incorporated. |
|
|
|||||||||||||||||||||||||||||
BT8376EPF Datasheet(HTML) 57 Page - Synaptics Incorporated. |
|
57 / 323 page ![]() Bt8370/8375/8376 2.0 Circuit Description Fully Integrated T1/E1 Framer and Line Interface 2.4 Receiver N8370DSE Conexant 2-29 Figure 2-13. Polled Receive Data Link Processing NOTE(S): Message status contains number of message bytes (X) in FIFO, where (X) equals 0 during idle channel or errored message. Receive Message Read Data Link Status If FIFO EMPTY If Message Status on FIFO Read Message Status from FIFO No No Yes Read X Message Bytes from FIFO If Message Status is Continue No Yes If Message Status is Good No Yes Error Receiving Message Return Read Message Byte from FIFO Wait N Milliseconds Yes Wait N Milliseconds Return and Discard (Purge FIFO) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |