| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BT8376EPF Datasheet(PDF) 96 Page - Synaptics Incorporated. |
|
|
|||||||||||||||||||||||||||||
BT8376EPF Datasheet(HTML) 96 Page - Synaptics Incorporated. |
|
96 / 323 page ![]() 2.0 Circuit Description Bt8370/8375/8376 2.9 Transmit Line Interface Unit Fully Integrated T1/E1 Framer and Line Interface 2-68 Conexant N8370DSE 2.9 Transmit Line Interface Unit The Transmit Line Interface Unit (TLIU), illustrated in Figure 2-33, converts P and N rail NRZ data to AMI pulses. The P and N rail NRZ data is generated by the XMTR, converted to AMI bipolar pulses by the TLIU, and output on the transmit tip and ring pins, XTIP and XRING. The TLIU has a configurable line rate, pulse shape, Line Build Out (LBO), external termination resistor, and transformer turns ratio. The TLIU consists of a control circuit, a pulse template ROM, a set of LBO filters, a Digital-to-Analog Converter (DAC), and a line driver. Figure 2-33. TLIU Diagram NOTE(S): LBO filter block is not present in short haul devices: Bt8375 and Bt8376. LBO Filters DAC DRV XTIP XRING TCKO XOE Pulse Shape AIS Gen 8x TPLL Analog Loopback From JAT To JAT TPOS TNEG |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |