| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BT8376EPF Datasheet(PDF) 100 Page - Synaptics Incorporated. |
|
|
|||||||||||||||||||||||||||||
BT8376EPF Datasheet(HTML) 100 Page - Synaptics Incorporated. |
|
100 / 323 page ![]() 2.0 Circuit Description Bt8370/8375/8376 2.9 Transmit Line Interface Unit Fully Integrated T1/E1 Framer and Line Interface 2-72 Conexant N8370DSE Table 2-15. ANSI T1.102, 1993–DS1 Pulse Template Corner Points, Maximum Curve Time (ns) –400 –253 –175 –175 –75 0 175 228 602 700 Time (UI) –0.62 –0.39 –0.27 –0.27 –0.12 0 0.27 0.35 0.93 1.08 Normalized Amplitude 0.05 0.05 0.80 1.15 1.15 1.05 1.05 –0.07 0.05 0.05 Table 2-16. ANSI T1.102, 1993–DS1 Pulse Template Corner Points, Minimum Curve Time (ns) –400 –150 –150 –100 0 100 150 150 300 427 602 700 Time (UI) –0.62 –0.23 –0.23 –0.15 0 0.15 0.23 0.23 0.46 0.66 0.93 1.08 Normalized Amplitude –0.05 –0.05 0.50 0.95 0.95 0.90 0.50 –0.45 –0.45 –0.20 –0.05 –0.05 Table 2-17. ANSI T1.403, 1995–DS1 Pulse Template Corner Points, Maximum Curve Time (ns) –400 –253 –175 –175 –75 0 175 228 500 700 Time (UI) –0.62 –0.39 –0.27 –0.27 –0.12 0 0.27 0.35 0.77 1.08 Normalized Amplitude 0.05 0.05 0.80 1.20 1.20 1.05 1.05 –0.05 0.05 0.05 Table 2-18. ANSI T1.403, 1995–DS1 Pulse Template Corner Points, Minimum Curve Time (ns) –400 –150 –150 –100 0 100 150 150 300 396 600 700 Time (UI) –0.62 –0.23 –0.23 –0.15 0 0.15 0.23 0.23 0.46 0.61 0.93 1.08 Normalized Amplitude –0.05 –0.05 0.50 0.90 0.95 0.90 0.50 –0.45 –0.45 –0.26 –0.05 –0.05 Table 2-19. G.703, 1988–DS1 Pulse Template Corner Points, Maximum Curve Time (ns) –400 –243 –212 –212 212 212 243 700 Time (UI) –0.62 –0.40 –0.33 –0.33 0.33 0.33 0.38 1.08 Normalized Amplitude 0.10 0.10 0.50 1.23 1.23 0.50 0.10 0.10 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |