| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BT8376EPF Datasheet(PDF) 186 Page - Synaptics Incorporated. |
|
|
|||||||||||||||||||||||||||||
BT8376EPF Datasheet(HTML) 186 Page - Synaptics Incorporated. |
|
186 / 323 page ![]() Bt8370/8375/8376 3.12 Transmitter Registers Fully Integrated T1/E1 Framer and Line Interface 3-68 Conexant N8370DSE Table 3-15. E1 Transmit Framer Modes (T1/E1N = 0) TFRAME Framer Mode TS0 Overhead Insertion Yellow Alarms MFAS FEBE CRC4 FAS YEL MYEL 00XX FAS Only Ones Ones Ones Yes Y0 — 01XX FAS + MFAS Yes Yes Yes Yes Y0 — 10XX FAS + CAS Ones Ones Ones Yes Y0 Y16 11XX FAS + MFAS + CAS Yes Yes Yes Yes Y0 Y16 Table 3-16. T1 Transmit Framer Modes (T1/E1N = 1) TFRAME Framer Mode F-bit Overhead Insertion Yellow Alarms Fs FPS CRC6 Ft YEL MYEL 0000 FT Only Ones —— Yes YB2 — 0100 SF Yes —— Yes YB2 — 0101 SF + JYEL Yes —— Yes YJ — 100X SLC Yes —— Yes YB2 — 0001 ESF + No CRC — Yes Ones — YB2 YF(1) 1100 ESF + Mimic CRC — Yes Yes — YB2 YF(1) 1101 ESF + Force CRC — Yes Yes — YB2 YF(1) NOTE(S): (1) YF Yellow Alarm is generated manually using DL1 data link controller and transmitting the appropriate BOP message. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |