| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BT8376EPF Datasheet(PDF) 194 Page - Synaptics Incorporated. |
|
|
|||||||||||||||||||||||||||||
BT8376EPF Datasheet(HTML) 194 Page - Synaptics Incorporated. |
|
194 / 323 page ![]() Bt8370/8375/8376 3.12 Transmitter Registers Fully Integrated T1/E1 Framer and Line Interface 3-76 Conexant N8370DSE 075—Transmit Alarm Signal Configuration (TALM) AUTO_MYEL /TMYEL Automatic Manual Transmit Multiframe Yellow Alarm—Applicable to E1 modes only. Automatic mode sends Multiframe Yellow Alarm for the duration of a receive loss of CAS alignment [SRED; addr 049]. Manual mode sends Y16 Multiframe Yellow Alarm as long as TMYEL is active. AUTO_YEL/TYEL Automatic Manual Transmit Yellow Alarm—Automatic mode sends a Yellow Alarm for the duration of a receive loss of frame alignment [FRED; addr 049]. Manual mode sends the alarm as long as TYEL is active and Yellow Alarm insertion [INS_YEL; addr 072] is enabled. 7 6 5 4 3 2 1 0 —— AUTO_MYEL AUTO_YEL AUTO_AIS TMYEL TYEL TAIS INS_MYEL TMYEL AUTO_MYEL Transmit Multiframe Yellow 0 X X Inactive, supplied by TPCMI 1 0 0 Inactive, supplied by TPCMI 10 1 E1–Y16–follows SRED status 11 X E1–Y16 INS_YEL TYEL AUTO_YEL Transmit Yellow Alarm 0 X X Supplied by TPCMI 10 0 Inactive(1) 1 0 1 Follows FRED status 11 X Active NOTE(S): (1) When Inactive, time slot data passes through transmitter without modification. 2. To transmit T1DM Yellow Alarm (Y24), the processor must program TDL1, TDL2, or TSLIP buffer to transmit Y-bit output in time slot 24. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |