Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M032EB3AE Datasheet(PDF) 5 Page - Nuvoton Technology Corporation

No. de pieza M032EB3AE
Descripción Electrónicos  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUVOTON [Nuvoton Technology Corporation]
Página de inicio  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032EB3AE Datasheet(HTML) 5 Page - Nuvoton Technology Corporation

  M032EB3AE Datasheet HTML 1Page - Nuvoton Technology Corporation M032EB3AE Datasheet HTML 2Page - Nuvoton Technology Corporation M032EB3AE Datasheet HTML 3Page - Nuvoton Technology Corporation M032EB3AE Datasheet HTML 4Page - Nuvoton Technology Corporation M032EB3AE Datasheet HTML 5Page - Nuvoton Technology Corporation M032EB3AE Datasheet HTML 6Page - Nuvoton Technology Corporation M032EB3AE Datasheet HTML 7Page - Nuvoton Technology Corporation M032EB3AE Datasheet HTML 8Page - Nuvoton Technology Corporation M032EB3AE Datasheet HTML 9Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 274 page
background image
M031/M032
Feb 25, 2019
Page 5 of 274
Rev. 1.01
8 ELECTRICAL CHARACTERISTICS............................................................ 225
8.1 Absolute Maximum Ratings ..................................................................................... 225
8.1.1 Voltage Characteristics................................................................................................225
8.1.2 Current Characteristics................................................................................................225
8.1.3 Thermal Characteristics...............................................................................................227
8.1.4 EMC Characteristics ....................................................................................................228
8.1.5 Package Moisture Sensitivity(MSL) ...........................................................................229
8.1.6 Soldering Profile ...........................................................................................................230
8.2 General Operating Conditions................................................................................. 231
8.3 DC Electrical Characteristics ................................................................................... 232
8.3.1 Supply Current Characteristics...................................................................................232
8.3.2 On-Chip Peripheral Current Consumption................................................................235
8.3.3 Wakeup Time from Low-Power Modes .....................................................................236
8.3.4 I/O Current Injection Characteristics..........................................................................237
8.3.5 I/O DC Characteristics .................................................................................................237
8.4 AC Electrical Characteristics ................................................................................... 239
8.4.1 48 MHz Internal High Speed RC Oscillator (HIRC).................................................239
8.4.2 38.4 kHz Internal Low Speed RC Oscillator (LIRC) ................................................240
8.4.3 External 4~32 MHz High Speed Crystal/Ceramic Resonator (HXT) characteristics
241
8.4.4 External 4~32 MHz High Speed Clock Input Signal Characteristics ....................243
8.4.5 External 32.768 kHz Low Speed Crystal/Ceramic Resonator (LXT) characteristics
244
8.4.6 External 32.768 kHz Low Speed Clock Input Signal Characteristics ...................245
8.4.7 PLL Characteristics ......................................................................................................246
8.4.8 I/O AC Characteristics .................................................................................................247
8.5 Analog Characteristics.............................................................................................. 248
8.5.1 LDO ................................................................................................................................248
8.5.2 Reset and Power Control Block Characteristics ......................................................248
8.5.3 12-bit SAR ADC ............................................................................................................250
8.5.4 Analog Comparator Controller (ACMP).....................................................................253
8.6 Communications Characteristics ............................................................................ 254
8.6.1 SPI Dynamic Characteristics ......................................................................................254
8.6.2 SPI - I
2S Dynamic Characteristics .............................................................................257
8.6.3 I
2C Dynamic Characteristics .......................................................................................259
8.6.4 USCI - SPI Dynamic Characteristics .........................................................................260
8.6.5 USCI-I
2C Dynamic Characteristics ............................................................................263
8.6.6 USB Characteristics .....................................................................................................264
8.7 Flash DC Electrical Characteristics ........................................................................ 265
9 PACKAGE DIMENSIONS ............................................................................ 266
9.1 TSSOP 20 (4.4x6.5x0.9 mm).................................................................................. 266



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com