Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M032EB3AE Datasheet(PDF) 13 Page - Nuvoton Technology Corporation

No. de pieza M032EB3AE
Descripción Electrónicos  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUVOTON [Nuvoton Technology Corporation]
Página de inicio  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032EB3AE Datasheet(HTML) 13 Page - Nuvoton Technology Corporation

Back Button M032EB3AE Datasheet HTML 9Page - Nuvoton Technology Corporation M032EB3AE Datasheet HTML 10Page - Nuvoton Technology Corporation M032EB3AE Datasheet HTML 11Page - Nuvoton Technology Corporation M032EB3AE Datasheet HTML 12Page - Nuvoton Technology Corporation M032EB3AE Datasheet HTML 13Page - Nuvoton Technology Corporation M032EB3AE Datasheet HTML 14Page - Nuvoton Technology Corporation M032EB3AE Datasheet HTML 15Page - Nuvoton Technology Corporation M032EB3AE Datasheet HTML 16Page - Nuvoton Technology Corporation M032EB3AE Datasheet HTML 17Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 274 page
background image
M031/M032
Feb 25, 2019
Page 13 of 274
Rev. 1.01
Programmable initial value
Supports programmable order reverse setting for input data
and CRC checksum
Supports programmable 1’s complement setting for input data
and CRC checksum.
Supports 8/16/32-bit of data width
Interrupt generated once checksum error occurs
Programmable seed value
8-bit write mode: 1-AHB clock cycle operation
16-bit write mode: 2-AHB clock cycle operation
32-bit write mode: 4-AHB clock cycle operation
Supports using PDMA to write data to perform CRC operation
Peripheral DMA (PDMA)
Supports up to 5 independent configurable channels for
automatic data transfer between memories and peripherals
Channel 0, 1 supports time-out function
Basic and Scatter-Gather Transfer modes
Each channel supports circular buffer management using
Scatter-Gather Transfer mode
Two types of priorities modes: Fixed-priority and Round-robin
modes
Transfer data width of 8, 16, and 32 bits
Single and burst transfer type
Source and destination address can be increment or fixed.
PDMA transfer count up to 65536
Request source can be from software, SPI/I
2S, USPI, UART,
UUART, I
2C, ADC, PWM and Timer
Clocks
External Clock Source
4~24 MHz High-speed eXternal crystal oscillator (HXT) for
precise timing operation
32.768 kHz Low-speed eXternal crystal oscillator (LXT) for RTC
function and low-power system operation
Supports clock failure detection for external crystal oscillators
and exception generatation (NMI)
Internal Clock Source
48 MHz High-speed Internal RC oscillator (HIRC) trimmed to
2% accuracy that can optionally be used as a system clock
38.4 kHz Low-speed Internal RC oscillator (LIRC) for watchdog
timer and wakeup operation
Up to 96 MHz on-chip PLL, sourced from HIRC or HXT, allows
CPU operation up to the maximim CPU frequency without the
need for a high-frequency crystal
Timers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com