Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M032EB3AE Datasheet(PDF) 84 Page - Nuvoton Technology Corporation

No. de pieza M032EB3AE
Descripción Electrónicos  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUVOTON [Nuvoton Technology Corporation]
Página de inicio  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032EB3AE Datasheet(HTML) 84 Page - Nuvoton Technology Corporation

Back Button M032EB3AE Datasheet HTML 80Page - Nuvoton Technology Corporation M032EB3AE Datasheet HTML 81Page - Nuvoton Technology Corporation M032EB3AE Datasheet HTML 82Page - Nuvoton Technology Corporation M032EB3AE Datasheet HTML 83Page - Nuvoton Technology Corporation M032EB3AE Datasheet HTML 84Page - Nuvoton Technology Corporation M032EB3AE Datasheet HTML 85Page - Nuvoton Technology Corporation M032EB3AE Datasheet HTML 86Page - Nuvoton Technology Corporation M032EB3AE Datasheet HTML 87Page - Nuvoton Technology Corporation M032EB3AE Datasheet HTML 88Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 274 page
background image
M031/M032
Feb 25, 2019
Page 84 of 274
Rev. 1.01
Idle mode
CPU enter Sleep mode
1.8
Only CPU clock is disabled.
Power-down mode
CPU enters Power-down
mode
1.8
Most clocks are disabled except LIRC/LXT,
and only WDT/Timer/UART peripheral clocks
still enable if their clock sources are selected
as LIRC/LXT.
Table 6.2-2 Power Mode Table
There are different power mode entry settings and leaving condition for each power mode. Table 6.2-3
shows the entry setting for each power mode. When chip power-on, chip is running in normal mode.
User can enter each mode by setting SLEEPDEEP (SCR[2]), PDEN (CLK_PWRCT:[7]) and execute
WFI instruction.
Register/Instruction
Mode
SLEEPDEEP
(SCR[2])
PDEN
(CLK_PWRCTL[7])
CPU Run WFI Instruction
Normal mode
0
0
NO
Idle mode
(CPU enter Sleep mode)
0
0
YES
Power-down mode
(CPU
enters
Deep
Sleep
mode)
1
1
YES
Table 6.2-3 Power Mode Difference Table
There are several wake-up sources in Idle mode and Power-down mode. Table 6.2-4 lists the
available clocks for each power mode.
Power Mode
Normal Mode
Idle Mode
Power-Down Mode
Definition
CPU is in active state
CPU is in sleep state
CPU is in sleep state and all
clocks stop except LXT and
LIRC. SRAM content retended.
Entry Condition
Chip is in normal mode after
system reset released
CPU executes WFI instruction. CPU sets sleep mode enable
and power down enable and
executes WFI instruction.
Wake-up Sources
N/A
All interrupts
WDT, I²C, Timer, UART, BOD,
GPIO, EINT, USCI, USBD, and
ACMP
Available Clocks
All
All except CPU clock
LXT and LIRC
After Wake-up
N/A
CPU back to normal mode
CPU back to normal mode
Table 6.2-4 Power Mode Difference Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com