| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
98ASH70029A Datasheet(PDF) 30 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
98ASH70029A Datasheet(HTML) 30 Page - NXP Semiconductors |
|
30 / 36 page ![]() 2 10 6 7 MSB IN BIT 6 . . . 1 SLAVE MSB SLAVE LSB OUT 11 5 5 3 8 4 13 NOTE: Not defined 12 12 11 SEE NOTE 13 9 see note (INPUT) (CPOL=0) SPSCK SPSCK (CPOL=1) SS (INPUT) (INPUT) MOSI (INPUT) MISO (OUTPUT) LSB IN BIT 6 . . . 1 Figure 20. SPI slave mode timing (CPHA = 0) 2 6 7 MSB IN BIT 6 . . . 1 MSB OUT SLAVE LSB OUT 5 5 10 12 13 3 12 13 4 SLAVE 8 9 see note (INPUT) (CPOL=0) SPSCK SPSCK (CPOL=1) SS (INPUT) (INPUT) MOSI (INPUT) MISO (OUTPUT) NOTE: Not defined 11 LSB IN BIT 6 . . . 1 Figure 21. SPI slave mode timing (CPHA=1) Dimensions 8.1 Obtaining package dimensions Package dimensions are provided in package drawings. 8 Dimensions MC9S08PA16 Series Data Sheet, Rev. 4, 03/2020 30 NXP Semiconductors |