Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

98ASH70029A Datasheet(PDF) 31 Page - NXP Semiconductors

No. de pieza 98ASH70029A
Descripción Electrónicos  MC9S08PA16A and MC9S08PA8A are recommended for new design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 27Page - NXP Semiconductors 98ASH70029A Datasheet HTML 28Page - NXP Semiconductors 98ASH70029A Datasheet HTML 29Page - NXP Semiconductors 98ASH70029A Datasheet HTML 30Page - NXP Semiconductors 98ASH70029A Datasheet HTML 31Page - NXP Semiconductors 98ASH70029A Datasheet HTML 32Page - NXP Semiconductors 98ASH70029A Datasheet HTML 33Page - NXP Semiconductors 98ASH70029A Datasheet HTML 34Page - NXP Semiconductors 98ASH70029A Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
To find a package drawing, go to nxp.com and perform a keyword search for the
drawing’s document number:
If you want the drawing for this package
Then use this document number
16-pin TSSOP
98ASH70247A
20-pin SOIC
98ASB42343B
20-pin TSSOP
98ASH70169A
32-pin LQFP
98ASH70029A
44-pin LQFP
98ASS23225W
Pinout
9.1 Signal multiplexing and pin assignments
The following table shows the signals available on each pin and the locations of these
pins on the devices supported by this document. The Port Control Module is responsible
for selecting which ALT functionality is available on each pin.
Table 19. Pin availability by package pin-count
Pin Number
Lowest Priority <-- --> Highest
44-LQFP
32-LQFP
20-TSSOP
16-TSSOP
Port Pin
Alt 1
Alt 2
Alt 3
Alt 4
1
1
—
—
PTD11
—
FTM2CH3
—
—
2
2
—
—
PTD01
—
FTM2CH2
—
—
3
—
—
—
PTE4
—
TCLK2
—
—
4
—
—
—
PTE3
—
BUSOUT
—
—
5
3
3
3
—
—
—
—
VDD
6
4
—
—
—
—
—
VDDA
VREFH
7
5
—
—
—
—
—
VSSA
VREFL
8
6
4
4
—
—
—
—
VSS
9
7
5
5
PTB7
—
—
SCL
EXTAL
10
8
6
6
PTB6
—
—
SDA
XTAL
11
—
—
—
—
—
—
—
Vss
12
9
7
7
PTB51
—
FTM2CH5
SS0
—
13
10
8
8
PTB41
—
FTM2CH4
MISO0
—
14
11
9
—
PTC3
—
FTM2CH3
ADP11
—
15
12
10
—
PTC2
—
FTM2CH2
ADP10
—
16
—
—
—
PTD7
—
—
—
—
17
—
—
—
PTD6
—
—
—
—
Table continues on the next page...
9
Pinout
MC9S08PA16 Series Data Sheet, Rev. 4, 03/2020
NXP Semiconductors
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36